Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC520 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 44Page - Advanced Micro Devices ELANSC520 Datasheet HTML 45Page - Advanced Micro Devices ELANSC520 Datasheet HTML 46Page - Advanced Micro Devices ELANSC520 Datasheet HTML 47Page - Advanced Micro Devices ELANSC520 Datasheet HTML 48Page - Advanced Micro Devices ELANSC520 Datasheet HTML 49Page - Advanced Micro Devices ELANSC520 Datasheet HTML 50Page - Advanced Micro Devices ELANSC520 Datasheet HTML 51Page - Advanced Micro Devices ELANSC520 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 440 page
background image
Reset Generation Registers
3-6
Élan™SC520 Microcontroller Register Set Manual
Programming Notes
Unlike most other registers, the bits in this register are only returned to their reset value by a PWRGOOD reset. They
are not cleared by any other kind of reset.
The AMDebug technology trace information is preserved only if a soft reset is generated to the CPU.
See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for details about reset generation. Table 3-3
provides a summary of ÉlanSC520 microcontroller reset sources and effects.
2
SD_RST_DET
CPU Shutdown Reset Detect
This bit is set when a CPU shutdown cycle (typically caused by a software “triple-fault”) is
detected. Software clears this bit by writing a 1.
0 = No CPU shutdown cycle was detected.
1 = The CPU soft reset event was from a shutdown cycle.
A soft reset event clears the NMI_ENB bit in the PICICR register (see page 12-4). This allows
software to initialize the stack pointer before setting the NMI_ENB bit again after a soft reset.
1
PRGRST_DET
PRGRESET Detect
This bit is set when a reset from PRGRESET pin is detected. Software clears this bit by
writing a 1.
0 = No PRGRESET pin reset was detected.
1 = The system reset event was from the PRGRESET pin.
If the PRG_RST_ENB bit is 1 in the RESCFG register (see page 3-3), assertion of the
PRGRESET pin while PWRGOOD is asserted results in a programmable reset in which the
SDRAM configuration is maintained.
0
PWRGOOD_
DET
POWERGOOD Reset Detect
This bit is set when a reset from the PWRGOOD pin is detected. Software clears this bit by
writing a 1.
0 = No PWRGOOD pin reset was detected.
1 = The system reset event was from the PWRGOOD pin.
This reset event has higher priority over PRGRESET and disables the PRGRESET function (if
it is enabled) by clearing the PRG_RST_ENB bit in the RESCFG register (see page 3-3).
Table 3-3
Microcontroller Reset Sources
Source
CPU
(Hard/Soft)
GPRESET
Pin
RST Pin
(PCI)
Internal
Registers
Notes
PWRGOOD pin
Hard
PRGRESET pin
Hard
1,2
Notes:
1. The PRG_RST_ENB bit must be set in the RESCFG register (see page 3-3) to enable the reset function on this pin.
2. If the PRG_RST_ENB bit is set, the SDRAM controller configuration is maintained to support system reset in which SDRAM
contents are also maintained.
SYS_RST bit, RESCFG register (see page 3-4)
Hard
2
Watchdog timer reset event (page 16-2)
Hard
2
AMDebug technology system reset
Hard
2
CPU_RST bit, SYSCTLA register (page 3-9)
Soft
3
3. Any write of a 1 to the CPU_RST bit causes a soft reset, regardless of whether the bit was previously 1 or 0.
SCP soft reset, SCPCMD register (page 3-7)
Soft
CPU shutdown (typically caused by a triple-fault)
Soft
GP_RST bit, RESCFG register (page 3-3)
PCI_RST bit, HBCTL register (page 6-3)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com