Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC520 Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 45Page - Advanced Micro Devices ELANSC520 Datasheet HTML 46Page - Advanced Micro Devices ELANSC520 Datasheet HTML 47Page - Advanced Micro Devices ELANSC520 Datasheet HTML 48Page - Advanced Micro Devices ELANSC520 Datasheet HTML 49Page - Advanced Micro Devices ELANSC520 Datasheet HTML 50Page - Advanced Micro Devices ELANSC520 Datasheet HTML 51Page - Advanced Micro Devices ELANSC520 Datasheet HTML 52Page - Advanced Micro Devices ELANSC520 Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 440 page
background image
Reset Generation Registers
Élan™SC520 Microcontroller Register Set Manual
3-7
SCP Data Port (SCPDATA)
Direct-Mapped
I/O Address 0060h
Register Description
This register is used to emulate system control processor (SCP) a20 gate control.
Bit Definitions
Programming Notes
There is no internal storage element associated with this address. All accesses to this address go to the GP bus.
Additionally, writes to this address are snooped by the ÉlanSC520 microcontroller.
7
6
5
4
3
2
1
0
Bit
SCP_DATA
Reserved
A20_GATE
CPU_RST
Reset
00000010
R/W
W!
Bit
Name
Function
7
–0
SCP_DATA
System Control Processor Data
All reads and writes to this port are echoed to the GP bus.
1
A20_GATE
A20 Gate Data
The ÉlanSC520 microcontroller has no external input pin for the a20 gate signal that would
normally be driven by an external PC/AT-compatible system control processor (SCP). In order
to maintain software compatibility, internal logic is provided to watch the GP bus for SCP a20
gate pin control command sequences.
Following a write of D1h to the SCPCMD register (see page 3-8), a write to this bit
(A20_GATE) has the following effect:
0 = Internal a20 propagation is disabled (address space wraps at 1 Mbyte).
1 = Internal a20 propagation is enabled (addresses above 1 Mbyte can be accessed).
This bit (A20_GATE) provides one of two sources of a20 gate control. The other source is the
A20G_CTL bit in the SYSCTLA register (see page 3-9). A logical OR of these two sources is
used to drive the Am5x86 CPU a20m signal. Therefore, a20 propagates if either source
enables a20 to propagate.
Note that this bit (A20_GATE) defaults to enabling a20 propagation.
0
CPU_RST
CPU Reset Control
On the ÉlanSC520 microcontroller, writing to this bit has no effect.
On a PC/AT-compatible system, setting this bit to 1 after a write of D1h to the SCP Command
Port (SCPCMD) register would hold the system in reset indefinitely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com