Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC520 Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 70Page - Advanced Micro Devices ELANSC520 Datasheet HTML 71Page - Advanced Micro Devices ELANSC520 Datasheet HTML 72Page - Advanced Micro Devices ELANSC520 Datasheet HTML 73Page - Advanced Micro Devices ELANSC520 Datasheet HTML 74Page - Advanced Micro Devices ELANSC520 Datasheet HTML 75Page - Advanced Micro Devices ELANSC520 Datasheet HTML 76Page - Advanced Micro Devices ELANSC520 Datasheet HTML 77Page - Advanced Micro Devices ELANSC520 Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 440 page
background image
PCI Bus Host Bridge Registers
6-10
Élan™SC520 Microcontroller Register Set Manual
Programming Notes
This register is reset by a system reset. The bits in this register are not affected by a PCI bus reset. A PCI bus reset
is initiated by setting the PCI_RST bit in the HBCTL register (see page 6-3).
Interrupt status bits are set whenever the associated event occurs regardless of the corresponding interrupt enable bit.
9
M_RPER_
IRQ_SEL
Master Received Parity Error Interrupt Select
This bit allows the assertion of the parity error signal (PERR) during a master controller write
transaction or during the address phase of a master controller read transaction to generate an
NMI instead of a maskable interrupt.
0 = Master write transactions or master read address phase cycles that detect the parity error
signal asserted generate a maskable interrupt.
1 = Master write transactions or master read address phase cycles that detect the parity error
signal asserted generate an NMI.
8
M_DPER_
IRQ_SEL
Master Detected Parity Error Interrupt Select
This bit allows parity errors detected by the master controller during a read transaction to
generate an NMI instead of a maskable interrupt.
0 = Master read transactions that detect a parity error generate a maskable interrupt.
1 = Master read transactions that detect a parity error generate an NMI.
7
–6
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
5M_RTRTO_
IRQ_ENB
Master Retry Time-Out Interrupt Enable
This bit allows master retry time-outs to generate an interrupt.
0 = Master retry time-outs do not generate an interrupt.
1 = Master retry time-outs generate an interrupt.
4
M_TABRT_
IRQ_ENB
Master Target Abort Interrupt Enable
This bit allows master controller transactions that are terminated with a target abort to
generate an interrupt.
0 = Master transactions that are terminated with a target abort do not generate an interrupt.
1 = Master transactions that are terminated with a target abort generate an interrupt.
3
M_MABRT_
IRQ_ENB
Master Abort Interrupt Enable
This bit allows master controller transactions that are terminated with a master abort to
generate an interrupt.
0 = Master transactions that are terminated with a master abort do not generate an interrupt.
1 = Master transactions that are terminated with a master abort generate an interrupt.
2
M_SERR_
IRQ_ENB
Master System Error Interrupt Enable
This bit allows the assertion of the system error signal (SERR) by a PCI bus agent to generate
an interrupt.
0 = Assertion of the system error signal does not generate an interrupt.
1 = Assertion of the system error signal generates an interrupt.
1
M_RPER_
IRQ_ENB
Master Received Parity Error Interrupt Enable
This bit allows the assertion of the parity error signal (PERR) during a master controller write
transaction or during the address phase of a master controller read transaction to generate an
interrupt.
0 = Master write transactions or master read address phase cycles that detect the parity error
signal asserted do not generate an interrupt.
1 = Master write transactions or master read address phase cycles that detect the parity error
signal asserted generate an interrupt.
0
M_DPER_
IRQ_ENB
Master Detected Parity Error Interrupt Enable
This bit allows parity errors detected by the master controller during a read transaction to
generate an interrupt.
0 = Master read transactions that detect a parity error do not generate an interrupt.
1 = Master read transactions that detect a parity error generate an interrupt.
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com