Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC520 Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 88Page - Advanced Micro Devices ELANSC520 Datasheet HTML 89Page - Advanced Micro Devices ELANSC520 Datasheet HTML 90Page - Advanced Micro Devices ELANSC520 Datasheet HTML 91Page - Advanced Micro Devices ELANSC520 Datasheet HTML 92Page - Advanced Micro Devices ELANSC520 Datasheet HTML 93Page - Advanced Micro Devices ELANSC520 Datasheet HTML 94Page - Advanced Micro Devices ELANSC520 Datasheet HTML 95Page - Advanced Micro Devices ELANSC520 Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 440 page
background image
SDRAM Controller Registers
7-4
Élan™SC520 Microcontroller Register Set Manual
SDRAM Timing Control (DRCTMCTL)
Memory-Mapped
MMCR Offset 12h
Register Description
This register controls the SDRAM device timing.
Note: A programmable reset preserves this register’s state. See the PRG_RST_ENB bit description on page 3-3.
Bit Definitions
Programming Notes
This register (DRCTMCTL) should be modified only when the write buffer and the read-ahead feature of the read
buffer are disabled in the DBCTL register (see page 8-3).
7
6
5
4
3
2
1
0
Bit
Reserved
CAS_LAT
RAS_PCHG_DLY[1–0]
RAS_CAS_DLY[1–0]
Reset
00011010
R/W
RSV
R/W
R/W
R/W
Bit
Name
Function
7
–5
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
4
CAS_LAT
SDRAM CAS Latency
This bit controls the SCASx signal latency timing to all the SDRAM banks.
0 = Cycle latency is 2T.
1 = Cycle latency is 3T (default).
Where T is 15 ns (one half of the 33-MHz clock cycle).
To make the CAS_LAT bit setting take effect, a Load Mode Register command must be issued
to the SDRAM devices via the OPMODE_SEL bit field of the DRCCTL register (see
page 7-3). Incorrect operation can occur if the CAS_LAT bit is modified and the Load Mode
Register command is not issued to the SDRAM devices.
3
–2
RAS_PCHG_
DLY[1–0]
SDRAM RAS Precharge Delay
This bit field determines the SRASx signal precharge delay.
00 = 2T
01 = 3T
10 = 4T (default)
11 = 6T
Where T is 15 ns (one half of the 33-MHz clock cycle).
1
–0
RAS_CAS_
DLY[1–0]
SDRAM RAS-to-CAS Delay
This bit field determines the SRASx-to-SCASx delay.
00 = 2T
01 = 3T
10 = 4T (default)
11 = Reserved
Where T is 15 ns (one half of the 33-MHz clock cycle).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com