Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC520 Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 93Page - Advanced Micro Devices ELANSC520 Datasheet HTML 94Page - Advanced Micro Devices ELANSC520 Datasheet HTML 95Page - Advanced Micro Devices ELANSC520 Datasheet HTML 96Page - Advanced Micro Devices ELANSC520 Datasheet HTML 97Page - Advanced Micro Devices ELANSC520 Datasheet HTML 98Page - Advanced Micro Devices ELANSC520 Datasheet HTML 99Page - Advanced Micro Devices ELANSC520 Datasheet HTML 100Page - Advanced Micro Devices ELANSC520 Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 440 page
background image
SDRAM Controller Registers
Élan™SC520 Microcontroller Register Set Manual
7-9
ECC Control (ECCCTL)
Memory-Mapped
MMCR Offset 20h
Register Description
This register controls all the error correction code (ECC) functions.
Note: A programmable reset preserves this register’s state.See the PRG_RST_ENB bit description on page 3-3.
Bit Definitions
Programming Notes
This register (ECCCTL) should be modified only when the write buffer and the read-ahead feature of the read buffer
are disabled in the DBCTL register (see page 8-3).
Before ECC multi-bit or single-bit interrupts are enabled, the ECCMAP register (see page 12-19) must be configured
to route the interrupt to the appropriate interrupt request level and priority.
7
6
5
4
3
2
1
0
Bit
Reserved
MULT_INT_
ENB
SGL_INT_
ENB
ECC_ENB
Reset
00000000
R/W
RSV
R/W
R/W
R/W
Bit
Name
Function
7
–3
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
2
MULT_INT_
ENB
Enable Multi-Bit Interrupt
This bit enables the ECC non-maskable interrupt (NMI) source to go active on the detection of
a multi-bit error.
0 = Disabled
1 = Enabled
The ECC NMI source must also be enabled via the ECC_NMI_ENB bit in the ECCMAP
register (see page 12-19).
1SGL_INT_
ENB
Enable Single-bit Interrupt
This bit enables the ECC maskable interrupt source to go active on the detection of a single-
bit error.
0 = Disabled
1 = Enabled
The ECC single-bit interrupt source must also be mapped to an interrupt channel via the
ECC_IRQ_MAP bit field in the ECCMAP register (see page 12-20).
0
ECC_ENB
ECC Enable for All Four Banks
This bit enables ECC for all four banks.
0 = Disabled
1 = Enabled
When ECC is enabled, writes to SDRAM include a write of the error correction code (ECC) to
the SDRAM device’s ECC location, and reads from SDRAM are checked for a correct ECC.
Any ECC mismatch is reported in the appropriate registers and the appropriate interrupt is
generated if enabled via the MULT_INT_ENB and SGL_INT_ENB bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com