Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC520 Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 49Page - Advanced Micro Devices ELANSC520 Datasheet HTML 50Page - Advanced Micro Devices ELANSC520 Datasheet HTML 51Page - Advanced Micro Devices ELANSC520 Datasheet HTML 52Page - Advanced Micro Devices ELANSC520 Datasheet HTML 53Page - Advanced Micro Devices ELANSC520 Datasheet HTML 54Page - Advanced Micro Devices ELANSC520 Datasheet HTML 55Page - Advanced Micro Devices ELANSC520 Datasheet HTML 56Page - Advanced Micro Devices ELANSC520 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 440 page
background image
Élan™SC520 Microcontroller Register Set Manual
4-1
CHAPTER
4 Am5X86® CPU REGISTERS
4.1
OVERVIEW
This chapter describes the Am5x86® CPU configuration registers of the ÉlanSC520
microcontroller.
Am5x86 CPU includes a 16-Kbyte unified write-back cache and an integrated floating-point
unit (FPU). The Am5x86 CPU operates at 100 or 133 MHz.
The Am5x86 CPU configuration register set consists of two memory-mapped configuration
region (MMCR) registers used to control some of the Am5x86 CPU features and read the
ÉlanSC520 microcontroller revision ID. See the
Élan™SC520 Microcontroller User’s
Manual, order #22004, for details about the Am5x86 CPU.
Table 4-1 lists the Am5x86 CPU configuration registers in offset order, with the
corresponding description’s page number.
This chapter does not document Am5x86 processor registers.
4.2
REGISTERS
Table 4-1
Am5x86® CPU MMCR Registers
Register Name
Mnemonic
MMCR Offset
Page Number
ÉlanSC520 Microcontroller Revision ID REVID
00h
page 4-2
Am5x86® CPU Control
CPUCTL
02h
page 4-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com