Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC823450 Datasheet(PDF) 69 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 69 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 65Page - ON Semiconductor LC823450 Datasheet HTML 66Page - ON Semiconductor LC823450 Datasheet HTML 67Page - ON Semiconductor LC823450 Datasheet HTML 68Page - ON Semiconductor LC823450 Datasheet HTML 69Page - ON Semiconductor LC823450 Datasheet HTML 70Page - ON Semiconductor LC823450 Datasheet HTML 71Page - ON Semiconductor LC823450 Datasheet HTML 72Page - ON Semiconductor LC823450 Datasheet HTML 73Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
LC823450
www.onsemi.com
69
I2C
• [condition]
VDD1 = 0.93 V to 1.27 V, VDD2 = 1.7 V to 1.95 V or
2.7 V to 3.6 V
External load 15 pF to 40 pF
Figure 14. AC Characteristics − I2C
SDA
tf
SDA
tHD;STA
tr
tHD;DAT
tf
tSU;DAT
tHIGH
tSU;STA
tHD;STA
tr
tSU;STO
tBUF
Table 32.
Item
Symbol
Standard Mode
Full Mode
Unit
Min
Max
Min
Max
SCLK Frequency
fSCL
0
100
0
400
kHz
Holding Time START (Repetition) Condition
(After this Period, the First Clock Pulse is Generated)
tHD; STA
4.0
−
0.6
−
μs
Low Period of SCLK
tLOW
4.7
−
1.3
−
μs
High Period of SCLK
tHIGH
4.0
−
0.6
−
μs
Setup Time of Repetition START Condition
tSU; STA
4.7
−
0.6
−
μs
Data Holding Time:
(for Master in Accordance with CBUS)
tHD; DAT
5.0
3.45
0
0.9
μs
Data Setup Time
tSU; DAT
250
−
100
−
ns
Rise Time SDA and SCLK
Tr
−
1000
−
300
ns
Fall Time SDA and SCLK
Tf
−
300
−
300
ns
Setup Time of STOP Condition
tSU; STO
4.0
−
0.6
−
μs
Time of Bus Release between STOP and START
Condition
tBUF
4.7
−
1.3
−
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com