Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC823450 Datasheet(PDF) 94 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 94 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 90Page - ON Semiconductor LC823450 Datasheet HTML 91Page - ON Semiconductor LC823450 Datasheet HTML 92Page - ON Semiconductor LC823450 Datasheet HTML 93Page - ON Semiconductor LC823450 Datasheet HTML 94Page - ON Semiconductor LC823450 Datasheet HTML 95Page - ON Semiconductor LC823450 Datasheet HTML 96Page - ON Semiconductor LC823450 Datasheet HTML 97Page - ON Semiconductor LC823450 Datasheet HTML 98Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
LC823450
www.onsemi.com
94
10Bit AD Converter
Figure 43. 10Bit AD Converter
This LSI
AVDDADC
VRH (Note 84)
AN5−0
AVSSADC
VRL (Note 84)
VR (Note 83, 3)
ADC Analog Power Supply
ADC Analog Ground
82. It is important to get the correct ADC conversion result that the wiring resistance is accurate. Pay attention to keeping low noise.
It is recommended that the ceramic capacitor of the high frequency type to be used as a decoupling capacitor between AVDDADC and
AVSSADC.
Place the capacitor close to the terminal of LSI as much as possible so that the wiring length may be short as much as possible.
83. When the terminal VR is prepared (Package Code = “RA”, etc), the ADC conversion speed (operation clock frequency) is different
depending on the value of the capacitor used. Confirm specs of ADC.
84. VRH and AVddADC, VRL and AVssADC are connected in the package (Package Code = “TA”, “XA”, “XB”, “XC”, “XD”, etc). VR terminal
is open in the package.
(Note 82)
(Note 83)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com