Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC823450 Datasheet(PDF) 26 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 22Page - ON Semiconductor LC823450 Datasheet HTML 23Page - ON Semiconductor LC823450 Datasheet HTML 24Page - ON Semiconductor LC823450 Datasheet HTML 25Page - ON Semiconductor LC823450 Datasheet HTML 26Page - ON Semiconductor LC823450 Datasheet HTML 27Page - ON Semiconductor LC823450 Datasheet HTML 28Page - ON Semiconductor LC823450 Datasheet HTML 29Page - ON Semiconductor LC823450 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 112 page
background image
LC823450
www.onsemi.com
26
Table 10. TERMINAL FUNCTIONS (continued)
Terminal Name
Available (
d)
IO
POWER
Function
Direction
Polarity
Multiplexed
Function
RA
XB,XD
XA,XC
TA
IO
POWER
EXTERNAL MEMORY I/F
EXA[20:15]
−
O
Address
Vdd2
d
GPIO4[5:0]
−
B
GPIO
d
EXTINT4[5:0]
−
I
External Interrupt 4−bit5 to bit0
d
EXA[14:9]
−
O
Address
Vdd2
d
GPIO3[F:A]
−
B
GPIO
d
EXTINT3[F:A]
−
I
External Interrupt 3−bit15 to bit10
d
EXA[8:1]
−
O
Address
Vdd2
d
GPIO3[9:2]
−
B
GPIO
d
EXTINT3[9:2]
−
I
External Interrupt 3−bit9 to bit2
d
EXD[7:0]
−
B
Data
Vdd2
d
d
d
GPIO4[D:6]
−
B
GPIO
d
d
d
EXTINT4[D:6]
−
I
External Interrupt 4−bit13 to bit6
d
d
d
EXD[15:8]
−
B
Data
Vdd2
d
GPIO5[5:0]
GPIO4[F:E]
−
B
GPIO
d
EXTINT5[5:0]
EXTINT4[F:E]
−
I
External Interrupt 5−bit5 to bit0,
External Interrupt 4−bit15 to bit14
d
Sum
0
14
14
42
Xtal, PLL
XIN1
−
I
XTAL input (XT1)
VddXT1
d
d
d
d
XOUT1
−
O
XTAL output (XT1)
VddXT1
d
d
d
d
VddXT1
−
P
XTAL power supply (XT1)
−
d
d
d
d
VssXT1
−
P
XTAL ground (XT1)
−
d
d
d
d
XTALINFO[1:0]
−
B
XTAL frequency input (Note 10)
XTALINFO[1:0] =
G “00”: 24 MHz
G “01”: 12 MHz
G “10”: 20 MHz
G “11”: 48 MHz
Used for determining clock
frequency setting while internal
ROM boot.
Bonding internally for “TA” product
Vdd2
d
d
d
VCNT1
−
O
PLL1 VCO control
AvddPLL1
d
d
d
d
AvddPLL1
−
P
PLL1 analog power supply
−
d
d
d
d
AvssPLL1
−
P
PLL1 analog ground
−
d
d
d
d
VCNT2
−
O
PLL2 VCO control
AvddPLL2
d
(Note 11)
d
d
d
(Note 11)
AvddPLL2
−
P
PLL2 analog power supply
−
d
(Note 11)
d
d
d
(Note 11)
VCNT3
−
O
PLL3 VCO control
AvddPLL3
d
(Note 12)
d
d
d
(Note 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com