Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC823450 Datasheet(PDF) 100 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 100 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 96Page - ON Semiconductor LC823450 Datasheet HTML 97Page - ON Semiconductor LC823450 Datasheet HTML 98Page - ON Semiconductor LC823450 Datasheet HTML 99Page - ON Semiconductor LC823450 Datasheet HTML 100Page - ON Semiconductor LC823450 Datasheet HTML 101Page - ON Semiconductor LC823450 Datasheet HTML 102Page - ON Semiconductor LC823450 Datasheet HTML 103Page - ON Semiconductor LC823450 Datasheet HTML 104Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 112 page
background image
LC823450
www.onsemi.com
100
RTC (KeyInt RTC)
Figure 51. RTC (KeyInt RTC)
VDET
BACKUPB
Voltage detector
Voltage detector
Detect drop
Detect drop of
RTCINT(PWRON )
Connet to enable of
Regulator
This LSI
power
KEYINT[2:0]
VDDRTC
of VDDRTC
VDD1 and VDD2
VDD1
VDD2
Wakeup
event input
VDDRTC
VSSRTC
JTAG
Figure 52. JTAG
TMS
TCK
TDI
TDO
JTAG
Connector
TCK
TDI
TMS
TDO
This LSI
95. LPDSP32 reset is available by reset command
using debugger through JTAG. The connection of
reset signal between JTAG and LSI is not
mandatory.
96. Internal pull down resistor can be used if the pull
down resistors are enabled before the reset re-
lease of LPDSP32.
97. JTAG signals should be pull up or down for avoid-
ing being left open if JTAG function is not used
and JTAG signals are in input state.
98. Regarding JTAG signal connection, refer to the
reference circuit from ICE tool vendor also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com