Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 131 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 131 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 127Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 128Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 129Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 130Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 131Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 132Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 133Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 134Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 212 page
background image
131
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.8
System Control
System Control comprises the modules that govern the overall behavior of the device, including power
management, operating modes, clocks, reset handling, and user configuration settings.
6.8.1
Device Resets
MSP432P4x1x devices support multiple classes of reset. Each class results in a different level of initiation
of device logic, thus allowing the application developer to initiate different resets based reset requirements
during code development and debug. The following subsections cover the classes of reset in the device.
6.8.1.1
Power On/Off Reset (POR)
The POR initiates a complete initialization of the application settings and device configuration information.
This class of reset may be initiated either by the PSS, the PCM, the RSTn pin, the Clock System upon
DCO external resistor short-circuit fault, or the device emulation logic (through the debugger). From an
application perspective, all sources of POR return the device to the same state of initialization.
NOTE
Depending on the source of the reset, the device may exhibit different wake-up latencies
from the POR. This implementation enables optimization of the reset recovery time.
6.8.1.2
Reboot Reset
The Reboot Reset is identical to the POR and allows the application to emulate a POR class reset without
needing to reset the device or activate the RSTn pin. A Reboot Reset can also be initiated through the
debugger and, hence, does not affect the debug connection to the device, while a POR terminates the
debug connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com