Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 65 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 65 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 61Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 62Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 63Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 64Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 65Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 66Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 67Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 68Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 212 page
background image
65
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-25 lists the characteristics of the high-drive digital outputs. See Figure 5-23, Figure 5-24, Figure 5-
25, and Figure 5-26 for the typical characteristics graphs.
(1)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined should not exceed ±48 mA to hold the maximum voltage drop
specified.
(2)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined should not exceed ±100 mA to hold the maximum voltage
drop specified.
(3)
The port can output frequencies at least up to the specified limit, and it might support higher frequencies.
(4)
A resistive divider with 2 × R1 and R1 = 3.2 kΩ between VCC and VSS is used as load. The output is connected to the center tap of the
divider. CL = 80 pF is connected to the output to VSS.
(5)
The output voltage reaches at least 20% and 80% VCC at the specified toggle frequency.
(6)
Measured from 20% of VCC to 80% of VCC.
(7)
Measured from 80% of VCC to 20% of VCC.
Table 5-25. Digital Outputs, High-Drive I/Os
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VOH
High-level output voltage
I(OHmax) = –5 mA
(1)
2.2 V
VCC – 0.25
VCC
V
I(OHmax) = –15 mA
(2)
VCC – 0.60
VCC
I(OHmax) = –10 mA
(1)
3.0 V
VCC – 0.25
VCC
I(OHmax) = –20 mA
(2)
VCC – 0.50
VCC
VOL
Low-level output voltage
I(OLmax) = 5 mA
(1)
2.2 V
VSS
VSS + 0.25
V
I(OLmax) = 15 mA
(2)
VSS
VSS + 0.60
I(OLmax) = 10 mA
(1)
3.0 V
VSS
VSS + 0.25
I(OLmax) = 20 mA
(2)
VSS
VSS + 0.50
fPx.y
Port output frequency (with RC
load)(3)
VCORE = 1.4 V, CL = 80 pF, RL
(4) (5)
1.62 V
24
MHz
2.2 V
24
3.0 V
24
dPx.y
Port output duty cycle (with RC
Load)
VCORE = 1.4 V, CL = 80 pF, RL
(4) (5)
1.62 V
45%
55%
2.2 V
45%
55%
3.0 V
45%
55%
fPort_CLK
Clock output frequency(3)
VCORE = 1.4 V, CL = 80 pF
(5)
1.62 V
24
MHz
2.2 V
24
3.0 V
24
dPort_CLK
Clock output duty cycle
VCORE = 1.4 V, CL = 80 pF
(5)
1.62 V
45%
55%
2.2 V
45%
55%
3.0 V
45%
55%
trise
Port output rise time
CL = 80 pF
(6)
1.62 V
8
ns
2.2 V
5
3.0 V
3
tfall
Port output fall time
CL = 80 pF
(7)
1.62 V
8
ns
2.2 V
5
3.0 V
3
Table 5-26 lists the frequencies of the pin-oscillator ports. See Figure 5-27 and Figure 5-28 for the typical
characteristics graphs.
(1)
CL is the external load capacitance connected from the output to VSS and includes all parasitic effects such as PCB traces.
Table 5-26. Pin-Oscillator Frequency, Ports Px
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
foPx.y
Pin-oscillator frequency
Px.y, CL = 10 pF
(1)
3.0 V
1900
kHz
Px.y, CL = 20 pF
(1)
3.0 V
1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com