Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 62 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 62 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 58Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 59Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 60Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 61Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 62Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 63Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 64Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 65Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 212 page
background image
62
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-22. PSS, SVSMH (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
If the SVSMH is disabled in active mode and is enabled before entering a low-power mode of the device (LPM3, LPM4, LPM3.5, or
LPM4.5) ensure that sufficient time has elapsed since enabling of the module before entry into the device low-power mode to allow for
successful wake up of the SVSMH module according to the the SVSMH on or off delay time specification. Otherwise, SVSMH may trip,
causing the device to reset and wake up from the low-power mode.
VSVSMH-,LP
SVSMH threshold level, low-
power mode (falling DVCC)
SVSMHOFF = 0, SVSMHLP = 1, SVSMHTH = 0,
DC (dDVCC/dt < 1 V/s)
1.55
1.62
1.71
V
SVSMHOFF = 0, SVSMHLP = 1, SVSMHTH = 1,
DC (dDVCC/dt < 1 V/s)
1.55
1.62
1.71
SVSMHOFF = 0, SVSMHLP = 1, SVSMHTH = 2,
DC (dDVCC/dt < 1 V/s)
1.55
1.62
1.71
SVSMHOFF = 0, SVSMHLP = 1, SVSMHTH = 3,
DC (dDVCC/dt < 1 V/s)
2.0
2.09
2.18
SVSMHOFF = 0, SVSMHLP = 1, SVSMHTH = 4,
DC (dDVCC/dt < 1 V/s)
2.2
2.3
2.4
SVSMHOFF = 0, SVSMHLP = 1, SVSMHTH = 5,
DC (dDVCC/dt < 1 V/s)
2.4
2.51
2.62
SVSMHOFF = 0, SVSMHLP = 1, SVSMHTH = 6,
DC (dDVCC/dt < 1 V/s)
2.7
2.83
2.94
SVSMHOFF = 0, SVSMHLP = 1, SVSMHTH = 7,
DC (dDVCC/dt < 1 V/s)
2.87
3.0
3.13
VSVSMH_hys
SVSMH hysteresis
15
30
mV
tPD,SVSMH
SVSH propagation delay,
high-performance mode
SVSMHOFF = 0, SVSMHLP = 0,
very fast dVDVCC/dt
3
10
μs
SVSH propagation delay, low-
power mode
SVSMHOFF = 0, SVSMHLP = 1,
very fast dVDVCC/dt
25
100
t(SVSMH)
SVSMH on or off delay time
SVSMHOFF = 1
→ 0, SVSMHLP = 0 (1)
17
40
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com