Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 74 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 74 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 70Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 71Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 72Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 73Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 74Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 75Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 76Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 77Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 212 page
background image
74
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.7.1 Typical Characteristics of ADC
typical characteristics at 3 V, 25°C, and 1-Msps sampling rate of ADC (unless otherwise specified)
Table 5-34 lists the ADC typical characteristics graphs.
Table 5-34. ADC Typical Characteristics Graphs
TITLE
TEST CONDITIONS
FIGURE
Current vs Sampling Rate
VRSEL = 14, VREF = 2.5 V, Resolution = 14 Bit, ADC14PWRMD = 0
Figure 5-30
VRSEL = 14, VREF = 2.5 V, Resolution = 12 Bit, ADC14PWRMD = 2
Figure 5-31
VRSEL = 1, VREF = 2.5 V, REFOUT = 0, ADC14PWRMD = 0, Resolution = 14 Bit
Figure 5-32
VRSEL = 1, VREF = 2.5 V, REFOUT = 0, ADC14PWRMD = 2, Resolution = 12 Bit
Figure 5-33
VRSEL = 1, VREF = 2.5 V, REFOUT = 1, ADC14PWRMD = 2, Resolution = 12 Bit
Figure 5-34
INL vs ADC Output Code
VRSEL = 1, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-35
VRSEL = 1, VREF = 2.5 V, Input Mode = Differential
Figure 5-36
VRSEL = 14, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-37
VRSEL = 14, VREF = 2.5 V, Input Mode = Differential
Figure 5-38
VRSEL = 15, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-39
VRSEL = 15, VREF = 2.5 V, Input Mode = Differential
Figure 5-40
DNL vs ADC Output Code
VRSEL = 1, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-41
VRSEL = 1, VREF = 2.5 V, Input Mode = Differential
Figure 5-42
VRSEL = 14, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-43
VRSEL = 14, VREF = 2.5 V, Input Mode = Differential
Figure 5-44
VRSEL = 15, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-45
VRSEL = 15, VREF = 2.5 V, Input Mode = Differential
Figure 5-46
Power vs Input Frequency
fin = 20 kHz, VRSEL = 1, VREF = 2.5 V, SINAD = 69 dB,
THD = –86 dB, Input Mode = Single Ended
Figure 5-47
fin = 20 kHz, VRSEL = 1, VREF = 2.5 V, SINAD = 74 dB,
THD = –91 dB, Input Mode = Differential
Figure 5-48
fin = 20 kHz, VRSEL = 14, VREF = 2.5 V, SINAD = 73 dB,
THD = –92 dB, Input Mode = Single Ended
Figure 5-49
fin = 20 kHz, VRSEL = 14, VREF = 2.5 V, SINAD = 82 dB,
THD = –100 dB, Input Mode = Differential
Figure 5-50
fin = 20 kHz, VRSEL = 15, VREF = 2.5 V, SINAD = 72 dB,
THD = –90 dB, Input Mode = Single Ended
Figure 5-51
fin = 20 kHz, VRSEL = 15, VREF = 2.5 V, SINAD = 80 dB,
THD = –100 dB, Input Mode = Differential
Figure 5-52
SINAD vs Reference Voltage
fin = 20 kHz, VRSEL = 14
Figure 5-53
ENOB vs Reference Voltage
fin = 20 kHz, VRSEL = 14
Figure 5-54
THD vs Reference Voltage
fin = 20 kHz, VRSEL = 14
Figure 5-55
SFDR vs Reference Voltage
fin = 20 kHz, VRSEL = 14
Figure 5-56
SINAD vs Temperature
fin = 20 kHz, VRSEL = 14
Figure 5-57
ENOB vs Temperature
fin = 20 kHz, VRSEL = 14
Figure 5-58
THD vs Temperature
fin = 20 kHz, VRSEL = 14
Figure 5-59
SFDR vs Temperature
fin = 20 kHz, VRSEL = 14
Figure 5-60
INL vs Temperature
VRSEL = 14, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-61
VRSEL = 14, VREF = 2.5 V, Input Mode = Differential
Figure 5-62
DNL vs Temperature
VRSEL = 14, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-63
VRSEL = 14, VREF = 2.5 V, Input Mode = Differential
Figure 5-64
Offset Voltage vs Temperature
VRSEL = 14, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-65
VRSEL = 14, VREF = 2.5 V, Input Mode = Differential
Figure 5-66
Gain Error vs Temperature
VRSEL = 14, VREF = 2.5 V, Input Mode = Single Ended
Figure 5-67
VRSEL = 14, VREF = 2.5 V, Input Mode = Differential
Figure 5-68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com