Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 37 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 37 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 33Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 34Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 35Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 36Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 37Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 38Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 39Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 40Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 212 page
background image
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D003
AM_DCDC_VCORE0
AM_DCDC_VCORE1
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D004
AM_DCDC_VCORE0
AM_DCDC_VCORE1
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
D001
AM_LDO_VCORE0
AM_LDO_VCORE1
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
D002
AM_LDO_VCORE0
AM_LDO_VCORE1
37
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.13 Typical Characteristics of Active Mode Currents for CoreMark Program
Flash Execution
VCC = 3 V
TA = 25°C
Figure 5-1. Frequency vs Current Consumption
SRAM Execution
VCC = 3 V
TA = 25°C
Figure 5-2. Frequency vs Current Consumption
Flash Execution
VCC = 3 V
TA = 25°C
Figure 5-3. Frequency vs Current Consumption
SRAM Execution
VCC = 3 V
TA = 25°C
Figure 5-4. Frequency vs Current Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com