Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 31 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 27Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 28Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 29Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 30Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 31Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 32Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 33Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 34Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 212 page
background image
31
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage differences between DVCC and AVCC exceeding the specified limits may cause malfunction of the device.
(3)
All voltages referenced to VSS.
(4)
Higher temperature may be applied during board soldering according to the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
5
Specifications
5.1
Absolute Maximum Ratings
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
Voltage applied at DVCC and AVCC pins to VSS
–0.3
4.17
V
Voltage difference between DVCC and AVCC pins(2)
±0.3
V
Voltage applied to any pin(3)
–0.3
VCC + 0.3 V
(4.17 V MAX)
V
Diode current at any device pin
±2
mA
Storage temperature, Tstg
(4)
–40
125
°C
Maximum junction temperature, TJ
95
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as
±1000 V may actually have higher performance.
(2)
All pins pass HBM up to ±1000 V except the DVSS3 pin. The DVSS3 pin is used for TI internal test purposes. Connect the DVSS3 pin
to supply ground on the customer application board.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±250 V
may actually have higher performance.
5.2
ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) (2)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(3)
±250
(1)
TI recommends powering AVCC and DVCC from the same source. A maximum difference of ±0.1 V between AVCC and DVCC can be
tolerated during power up and operation. See Section 5.4 for decoupling capacitor recommendations.
(2)
Supply voltage must not change faster than 1 V/ms. Faster changes can cause the VCCDET to trigger a reset even within the
recommended supply voltage range.
(3)
Modules may have a different supply voltage range specification. See the specification of the respective module in this data sheet.
(4)
Does not include I/O currents (driven by application requirements).
(5)
Operating frequency may require the flash to be accessed with wait states. See Section 5.8 for further details.
5.3
Recommended Operating Conditions
Typical data are based on VCC = 3.0 V, TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage range at all DVCC and
AVCC pins (1) (2) (3)
At power up (with internal VCC
supervision)
1.71
3.7
V
Normal operation with internal VCC
supervision
1.71
3.7
Normal operation without internal VCC
supervision
1.62
3.7
VSS
Supply voltage on all DVSS and AVSS pins
0
V
IINRUSH
Inrush current into the VCC pins
(4)
100
mA
fMCLK
Frequency of the CPU and AHB clock in the system(5)
0
48
MHz
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com