Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 58 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 58 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 54Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 55Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 56Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 57Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 58Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 59Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 60Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 61Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 212 page
background image
58
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-14 lists the characteristics of the internal very-low-power low-frequency oscillator (VLO).
(1)
Current measured on DVCC supply
(2)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C) / (85°C – (–40°C))
(3)
Calculated using the box method: (MAX(1.62 V to 3.7 V) – MIN(1.62 V to 3.7 V)) / MIN(1.62 V to 3.7 V) / (3.7 V – 1.62 V)
Table 5-14. Internal Very-Low-Power Low-Frequency Oscillator (VLO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVLO
Current consumption(1)
50
nA
fVLO
VLO frequency
6
9.4
18
kHz
dfVLO/dT
VLO frequency temperature drift(2)
0.1
%/°C
dfVLO/dVCC
VLO frequency supply voltage drift(3)
0.2
%/V
DCVLO
Duty cycle
40%
50%
60%
Table 5-15 lists the characteristics of the internal-reference low-frequency oscillator (REFO) in 32.768
‑kHz
mode.
(1)
REFO is configured to 32.768-kHz mode with REFOFSEL = 0.
(2)
Total current measured on both AVCC and DVCC supplies.
(3)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C) / (85°C – (–40°C))
(4)
Calculated using the box method: (MAX(1.62 V to 3.7 V) – MIN(1.62 V to 3.7 V)) / MIN(1.62 V to 3.7 V) / (3.7 V – 1.62 V)
Table 5-15. Internal-Reference Low-Frequency Oscillator (REFO) – 32.768-kHz Mode(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IREFO
REFO current consumption(2)
0.6
µA
fREFO
REFO frequency calibrated
32.768
kHz
REFO absolute tolerance calibrated
TA = –40°C to 85°C
±4%
TA = 25°C
3 V
±1.5%
dfREFO/dT
REFO frequency temperature drift(3)
0.012
%/°C
dfREFO/dVCC
REFO frequency supply voltage drift(4)
0.2
%/V
DCREFO
REFO duty cycle
40%
50%
60%
Table 5-16 lists the characteristics of the internal-reference low-frequency oscillator (REFO) in 128
‑kHz
mode.
(1)
REFO is configured to 128-kHz mode with REFOFSEL = 1.
(2)
Total current measured on both AVCC and DVCC supplies.
(3)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C) / (85°C – (–40°C))
(4)
Calculated using the box method: (MAX(1.62 V to 3.7 V) – MIN(1.62 V to 3.7 V)) / MIN(1.62 V to 3.7 V) / (3.7 V – 1.62 V)
Table 5-16. Internal-Reference Low-Frequency Oscillator (REFO) – 128-kHz Mode(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
REFO
REFO current consumption(2)
1
µA
fREFO
REFO frequency calibrated
128
kHz
REFO absolute tolerance calibrated
TA = –40°C to 85°C
±6%
TA = 25°C
3 V
±1.5%
dfREFO/dT
REFO frequency temperature drift(3)
0.018
%/°C
dfREFO/dVCC
REFO frequency supply voltage drift(4)
0.4
%/V
DCREFO
REFO duty cycle
40%
50%
60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com