Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 24 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 20Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 21Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 22Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 23Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 24Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 25Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 26Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 27Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 212 page
background image
24
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
SIGNAL NO. (1)
SIGNAL
TYPE (2)
DESCRIPTION
PZ
RGC
GPIO Port 3
P3.0
32
19
I/O
General-purpose digital I/O with port interrupt, wake-up,
and glitch filtering capability, and with reconfigurable port
mapping secondary function
P3.1
33
20
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function
P3.2
34
21
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function
P3.3
35
22
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function
P3.4
36
23
I/O
General-purpose digital I/O with port interrupt, wake-up,
and glitch filtering capability, and with reconfigurable port
mapping secondary function
P3.5
37
24
I/O
General-purpose digital I/O with port interrupt, wake-up,
and glitch filtering capability, and with reconfigurable port
mapping secondary function
P3.6
38
25
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function
P3.7
39
26
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function
GPIO Port 4
P4.0
56
N/A
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P4.1
57
N/A
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P4.2
58
33
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P4.3
59
34
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P4.4
60
35
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P4.5
61
36
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P4.6
62
37
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P4.7
63
38
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
GPIO Port 5
P5.0
64
39
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P5.1
65
40
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P5.2
66
41
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P5.3
67
42
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P5.4
68
43
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P5.5
69
44
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P5.6
70
45
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P5.7
71
46
I/O
General-purpose digital I/O with port interrupt and wake-up
capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com