Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 56 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 56 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 52Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 53Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 54Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 55Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 56Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 57Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 58Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 59Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 212 page
background image
56
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-12 lists the characteristics of the DCO.
(1)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C) / (85°C – (–40°C))
(2)
Does not include temperature coefficient of external resistor.
The recommended value of external resistor at DCOR pin: 91 k
Ω, 0.1%, ±25 ppm/℃.
(3)
Calculated using the box method: (MAX(1.62 V to 3.7 V) – MIN(1.62 V to 3.7 V)) / MIN(1.62 V to 3.7 V) / (3.7 V – 1.62 V)
Table 5-12. DCO
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC, TA
MIN
TYP
MAX
UNIT
fRSEL0_CTR
DCO center frequency
accuracy for range 0
with calibrated factory
settings
Internal resistor mode,
DCORSEL = 0, DCOTUNE = 0
1.443
1.5
1.557
MHz
External resistor mode,
DCORSEL = 0, DCOTUNE = 0
1.482
1.5
1.518
fRSEL1_CTR
DCO center frequency
accuracy for range 1
with calibrated factory
settings
Internal resistor mode,
DCORSEL = 1, DCOTUNE = 0
2.885
3
3.115
MHz
External resistor mode,
DCORSEL = 1, DCOTUNE = 0
2.964
3
3.036
fRSEL2_CTR
DCO center frequency
accuracy for range 2
with calibrated factory
settings
Internal resistor mode,
DCORSEL = 2, DCOTUNE = 0
5.77
6
6.23
MHz
External resistor mode,
DCORSEL = 2, DCOTUNE = 0
5.928
6
6.072
fRSEL3_CTR
DCO center frequency
accuracy for range 3
with calibrated factory
settings
Internal resistor mode,
DCORSEL = 3, DCOTUNE = 0
11.541
12
12.459
MHz
External resistor mode,
DCORSEL = 3, DCOTUNE = 0
11.856
12
12.144
fRSEL4_CTR
DCO center frequency
accuracy for range 4
with calibrated factory
settings
Internal resistor mode,
DCORSEL = 4, DCOTUNE = 0
23.082
24
24.918
MHz
External resistor mode,
DCORSEL = 4, DCOTUNE = 0
23.712
24
24.288
fRSEL5_CTR
DCO center frequency
accuracy for range 5
with calibrated factory
settings
Internal resistor mode,
DCORSEL = 5, DCOTUNE = 0
46.164
48
49.836
MHz
External resistor mode,
DCORSEL = 5, DCOTUNE = 0
47.424
48
48.576
dfDCO/dT
DCO frequency drift with
temperature(1)
Internal resistor mode,
At fixed voltage
1.62 V to 3.7 V
250
ppm/°C
External resistor mode(2)
At fixed voltage
1.62 V to 3.7 V
60
dfDCO/dVCC
DCO frequency voltage
drift with voltage(3)
At fixed temperature, applicable for
both DCO Internal and External
resistor modes
–40°C to 85 °C
0.1
%/V
fRSEL0
DCO frequency range 0
DCORSEL = 0
DCO internal or external resistor
mode
3.0 V, 25
℃
0.98
2.26
MHz
fRSEL1
DCO frequency range 1
DCORSEL = 1
DCO internal or external resistor
mode
3.0 V, 25
℃
1.96
4.51
MHz
fRSEL2
DCO frequency range 2
DCORSEL = 2
DCO internal or external resistor
mode
3.0 V, 25
℃
3.92
9.02
MHz
fRSEL3
DCO frequency range 3
DCORSEL = 3
DCO internal or external resistor
mode
3.0 V, 25
℃
7.84
18.04
MHz
fRSEL4
DCO frequency range 4
DCORSEL = 4
DCO internal or external resistor
mode
3.0 V, 25
℃
15.68
36.07
MHz
fRSEL5
DCO frequency range 5
DCORSEL = 5
DCO internal or external resistor
mode
3.0 V, 25
℃
31.36
52
MHz
fDCO_DC
Duty cycle
47%
50%
53%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com