Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 27 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 23Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 24Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 25Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 26Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 27Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 28Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 29Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 30Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 212 page
background image
27
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
SIGNAL NO. (1)
SIGNAL
TYPE (2)
DESCRIPTION
PZ
RGC
(5)
VCORE is for internal use only. Do not use for external current loading. Connect VCORE to only the recommended capacitor value,
CVCORE.
Port Mapper
(continued)
PM_UCA1CLK
17
14
I/O
Default mapping: Clock signal input in eUSCI_A1 SPI
slave mode
Clock signal output in eUSCI_A1 SPI master mode
PM_UCA1RXD
18
15
I
Default mapping: Receive data in eUSCI_A1 UART mode
PM_UCA1SIMO
19
16
I/O
Default mapping: Slave in, master out for eUSCI_A1 SPI
mode
PM_UCA1SOMI
18
15
I/O
Default mapping: Slave out, master in for eUSCI_A1 SPI
mode
PM_UCA1STE
16
13
I/O
Default mapping: Slave transmit enable for eUSCI_A1 SPI
mode
PM_UCA1TXD
19
16
O
Default mapping: Transmit data for eUSCI_A1 UART mode
PM_UCA2CLK
33
20
I/O
Default mapping: Clock signal input for eUSCI_A2 SPI
slave mode
Clock signal output for eUSCI_A2 SPI master mode
PM_UCA2RXD
34
21
I
Default mapping: Receive data for eUSCI_A2 UART mode
PM_UCA2SIMO
35
22
I/O
Default mapping: Slave in, master out for eUSCI_A2 SPI
mode
PM_UCA2SOMI
34
21
I/O
Default mapping: Slave out, master in for eUSCI_A2 SPI
mode
PM_UCA2STE
32
19
I/O
Default mapping: Slave transmit enable for eUSCI_A2 SPI
mode
PM_UCA2TXD
35
22
O
Default mapping: Transmit data for eUSCI_A2 UART mode
PM_UCB2CLK
37
24
I/O
Default mapping: Clock signal input for eUSCI_B2 SPI
slave mode
Clock signal output for eUSCI_B2 SPI master mode
PM_UCB2SCL
39
26
I
Default mapping: I2C clock for eUSCI_B2 I2C mode
PM_UCB2SDA
38
25
I/O
Default mapping: I2C data for eUSCI_B2 I2C mode
PM_UCB2SIMO
38
25
I/O
Default mapping: Slave in, master out for eUSCI_B2 SPI
mode
PM_UCB2SOMI
39
26
I/O
Default mapping: Slave out, master in for eUSCI_B2 SPI
mode
PM_UCB2STE
36
23
I/O
Default mapping: Slave transmit enable for eUSCI_B2 SPI
mode
Power
AVCC1
45
32
–
Analog power supply
AVCC2
87
56
–
Analog power supply
AVSS1
43
30
–
Analog ground supply
AVSS2
84
53
–
Analog ground supply
AVSS3
40
27
–
Analog ground supply
DVCC1
13
10
–
Digital power supply
DVCC2
73
48
–
Digital power supply
DVSS1
15
12
–
Digital ground supply
DVSS2
72
47
–
Digital ground supply
DVSS3
82
51
–
Must be connected to ground
VCORE (5)
12
9
–
Regulated core power supply (internal use only, no
external current loading)
VSW
14
11
–
DC/DC converter switching output
RTC
RTCCLK
59
34
O
RTC_C clock calibration output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com