Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 47 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 43Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 44Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 45Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 46Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 47Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 48Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 49Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 50Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 212 page
background image
47
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.3 Mode Transition Timing
Table 5-4 lists the latencies required to change between different active modes.
Table 5-4. Active Mode Transition Latencies
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
ORIGINAL
OPERATING MODE
FINAL OPERATING
MODE
TEST CONDITIONS
TYP
MAX
UNIT
tOFF_AMLDO0
Power Off
AM_LDO_VCORE0
From VCC reaching 1.71 V to start of
user application code
6
ms
tAMLDO0_AMLDO1
AM_LDO_VCORE0
AM_LDO_VCORE1
Transition from AM_LDO_VCORE0 to
AM_LDO_VCORE1,
MCLK frequency = 24 MHz
300
350
µs
tAMLDO1_AMLDO0
AM_LDO_VCORE1
AM_LDO_VCORE0
Transition from AM_LDO_VCORE1 to
AM_LDO_VCORE0,
MCLK frequency = 24 MHz
4
5
µs
tAMLDO0_AMDCDC0
AM_LDO_VCORE0
AM_DCDC_VCORE0
Transition from AM_LDO_VCORE0 to
AM_DCDC_VCORE0,
MCLK frequency = 24 MHz
20
30
µs
tAMDCDC0_AMLDO0
AM_DCDC_VCORE0
AM_LDO_VCORE0
Transition from AM_DCDC_VCORE0
to AM_LDO_VCORE0,
MCLK frequency = 24 MHz
10
15
µs
tAMLDO1_AMDCDC1
AM_LDO_VCORE1
AM_DCDC_VCORE1
Transition from AM_LDO_VCORE1 to
AM_DCDC_VCORE1,
MCLK frequency = 48 MHz
20
30
µs
tAMDCDC1_AMLDO1
AM_DCDC_VCORE1
AM_LDO_VCORE1
Transition from AM_DCDC_VCORE1
to AM_LDO_VCORE1,
MCLK frequency = 48 MHz
10
15
µs
tAMLDO0_AMLF0
AM_LDO_VCORE0
AM_LF_VCORE0
Transition from AM_LDO_VCORE0 to
AM_LF_VCORE0, SELM = 2,
REFO frequency = 128 kHz
90
100
µs
tAMLF0_AMLDO0
AM_LF_VCORE0
AM_LDO_VCORE0
Transition from AM_LF_VCORE0 to
AM_LDO_VCORE0,
SELM = 2, REFO frequency =
128 kHz
50
60
µs
tAMLDO1_AMLF1
AM_LDO_VCORE1
AM_LF_VCORE1
Transition from AM_LDO_VCORE1 to
AM_LF_VCORE1, SELM = 2,
REFO frequency = 128 kHz
90
100
µs
tAMLF1_AMLDO1
AM_LF_VCORE1
AM_LDO_VCORE1
Transition from AM_LF_VCORE1 to
AM_LDO_VCORE1, SELM = 2,
REFO frequency = 128 kHz
50
60
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com