Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 42 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 42 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 38Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 39Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 40Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 41Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 42Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 43Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 44Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 45Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 212 page
background image
42
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
MCLK sourced by DCO.
(2)
Current measured into VCC.
(3)
All other input pins tied to 0 V or VCC. Outputs do not source or sync any current.
(4)
CPU is off, flash or SRAM not being accessed.
(5)
All SRAM banks are active.
(6)
All peripherals are inactive.
5.18 Current Consumption in LDO-Based LPM0 Modes
over recommended operating free-air temperature (unless otherwise noted)
(1) (2) (3) (4) (5) (6)
PARAMETER
VCC
MCLK =
1 MHz
MCLK =
8 MHz
MCLK =
16 MHz
MCLK =
24 MHz
MCLK =
32 MHz
MCLK =
40 MHz
MCLK =
48 MHz
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
ILPM0_LDO_VCORE0
2.2 V
520
750
610
850
710
950
810
1050
µA
3.0 V
520
750
610
850
710
950
810
1050
ILPM0_LDO_VCORE1
2.2 V
525
800
630
900
750
1050
860
1200
1025
1350
1160
1500
1240
1600
µA
3.0 V
525
800
630
900
750
1050
860
1200
1025
1350
1160
1500
1240
1600
(1)
MCLK sourced by DCO.
(2)
Current measured into VCC.
(3)
All other input pins tied to 0 V or VCC. Outputs do not source or sync any current.
(4)
CPU is off, flash or SRAM not being accessed.
(5)
All SRAM banks are active.
(6)
All peripherals are inactive.
5.19 Current Consumption in DC/DC-Based LPM0 Modes
over recommended operating free-air temperature (unless otherwise noted)
(1) (2) (3) (4) (5) (6)
PARAMETER
VCC
MCLK =
1 MHz
MCLK =
8 MHz
MCLK =
16 MHz
MCLK =
24 MHz
MCLK =
32 MHz
MCLK =
40 MHz
MCLK =
48 MHz
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
ILPM0_DCDC_VCORE0
2.2 V
490
700
550
750
620
850
700
950
µA
3.0 V
485
650
535
700
585
750
650
850
ILPM0_DCDC_VCORE1
2.2 V
510
750
590
850
680
950
775
1050
900
1200
1010
1300
1080
1400
µA
3.0 V
505
700
570
800
635
850
715
950
815
1050
900
1150
960
1200
(1)
Current measured into VCC.
(2)
All other input pins tied to 0 V or VCC. Outputs do not source or sync any current.
(3)
MCLK sourced by REFO at 128 kHz.
(4)
All peripherals are inactive.
(5)
Bank 0 of SRAM are active. Rest of the banks are powered down.
(6)
CPU is off, flash or SRAM not being accessed.
5.20 Current Consumption in Low-Frequency LPM0 Modes
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2) (3) (4) (5) (6)
PARAMETER
VCC
–40°C
25°C
60°C
85°C
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
ILPM0_LF_VCORE0
2.2 V
73
77
87
113
μA
3.0 V
73
77
100
87
113
200
ILPM0_LF_VCORE1
2.2 V
75
80
92
122
μA
3.0 V
75
80
100
92
122
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com