Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 54 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 50Page - STMicroelectronics BLUENRG-2 Datasheet HTML 51Page - STMicroelectronics BLUENRG-2 Datasheet HTML 52Page - STMicroelectronics BLUENRG-2 Datasheet HTML 53Page - STMicroelectronics BLUENRG-2 Datasheet HTML 54Page - STMicroelectronics BLUENRG-2 Datasheet HTML 55Page - STMicroelectronics BLUENRG-2 Datasheet HTML 56Page - STMicroelectronics BLUENRG-2 Datasheet HTML 57Page - STMicroelectronics BLUENRG-2 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 190 page
background image
Functional details
BlueNRG-2
54/190
DocID030675 Rev 2
DMA_CH2 peripheral base address (DMA_CH2_BASE_ADDR) 0xA0000030
DMA_CH3 peripheral base address (DMA_CH3_BASE_ADDR) 0xA0000044
DMA_CH4 peripheral base address (DMA_CH4_BASE_ADDR) 0xA0000058
DMA_CH5 peripheral base address (DMA_CH5_BASE_ADDR) 0xA000006C
DMA_CH6 peripheral base address (DMA_CH6_BASE_ADDR) 0xA0000080
DMA_CH7 peripheral base address (DMA_CH7_BASE_ADDR) 0xA0000094
Table 46: DMA_CHx registers
Address
offset
Name
RW
Reset
Description
0x00
CCR
RW
0x00000000
DMA channel configuration register. Refer to the
detailed description below.
0x04
CNDTR
RW
0x00000000
DMA channel number of data register. Refer to the
detailed description below.
0x08
CPAR
RW
0x00000000
DMA channel peripheral address register. Refer to
the detailed description below.
0x0C
CMAR
RW
0x00000000
DMA channel memory address register. Refer to the
detailed description below.
Table 47: DMA_CHx - CCR register description: address offset DMA_CHX_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
0
EN
0x0
RW
DMA channel enable.
0: DMA channel disabled.
1: DMA channel enabled.
1
TCIE
0x0
RW
Transfer complete interrupt enable.
0: TC interrupt disabled.
1: TC interrupt enabled.
2
HTIE
0x0
RW
Half transfer interrupt enable.
0: HT interrupt disabled.
1: HT interrupt enabled.
3
TEIE
0x0
RW
Transfer error interrupt enable.
0: TE interrupt disabled.
1: TE interrupt enabled.
4
DIR
0x0
RW
Data transfer direction.
0: Read from peripheral.
1: Read from memory.
5
CIRC
0x0
RW
Circular mode.
0: Circular mode disabled.
1: Circular mode enabled.
6
PINC
0x0
RW
Peripheral increment mode.
0: Peripheral increment disabled.
1: Peripheral increment enabled.
7
MINC
0x0
RW
Memory increment mode.
0: Memory increment disabled.
1: Memory increment enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com