Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 14Page - STMicroelectronics BLUENRG-2 Datasheet HTML 15Page - STMicroelectronics BLUENRG-2 Datasheet HTML 16Page - STMicroelectronics BLUENRG-2 Datasheet HTML 17Page - STMicroelectronics BLUENRG-2 Datasheet HTML 18Page - STMicroelectronics BLUENRG-2 Datasheet HTML 19Page - STMicroelectronics BLUENRG-2 Datasheet HTML 20Page - STMicroelectronics BLUENRG-2 Datasheet HTML 21Page - STMicroelectronics BLUENRG-2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 190 page
background image
Functional details
BlueNRG-2
18/190
DocID030675 Rev 2
If the external XO is at 32 MHz, some specific programming are needed, see
Section 3.5.3: "Switching to external clock".
3.4.1.3
Standby state
In this state:
Only the digital power supplies necessary to keep the RAM in retention are used.
The wake-up from this low power state is driven by the following sources:
IO9
IO10
IO11
IO12
IO13
If they have been programmed as wake-up source in the system controller registers.
3.4.1.4
Sleep state
In this state:
Only the digital power supplies necessary to keep the RAM in retention are used.
The low frequency oscillator is switched on.
The wake-up from this low power state is driven by the following sources:
IO9
IO10
IO11
IO12
IO13
If they have been programmed as wake-up source in the system controller registers and
from the internal timers of the BLE radio.
3.4.1.5
IO wake up sources
The IOs programmed to be wake up sources need an external drive according to the
selected level sensitivity.
If the wake up level is high level, a pull down drive should be used. If the wake up level is
low level, a pull up drive should be used.
If no external drive is applied, IO9, IO10 and IO11 are only sensitive to low level as they
have an internal pull up (activated by default). IO12 and IO13 do not have an internal pull
and therefore require an external drive.
3.4.1.6
Wake up time
The wake up time is typically 200 µs at 3.0 V and a temperature of 25´°C.
3.4.2
Power saving strategy
The application power saving strategy is based on clock stopping, dynamic clock gating,
digital power supply switch off and analog current consumption minimization.
A summary of functional blocks versus the BlueNRG-2 states is provided below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com