Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 62 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 58Page - STMicroelectronics BLUENRG-2 Datasheet HTML 59Page - STMicroelectronics BLUENRG-2 Datasheet HTML 60Page - STMicroelectronics BLUENRG-2 Datasheet HTML 61Page - STMicroelectronics BLUENRG-2 Datasheet HTML 62Page - STMicroelectronics BLUENRG-2 Datasheet HTML 63Page - STMicroelectronics BLUENRG-2 Datasheet HTML 64Page - STMicroelectronics BLUENRG-2 Datasheet HTML 65Page - STMicroelectronics BLUENRG-2 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 190 page
background image
Functional details
BlueNRG-2
62/190
DocID030675 Rev 2
Address
offset
Name
RW
Reset
Description
0x0C
SR
R
0x00000003
Status Register. Refer to the detailed description
below.
0x10
CPSR
RW
0x00000000
Clock prescale register. Refer to the detailed
description below.
0x14
IMSC
RW
0x00000000
Interrupt mask set or clear register. Refer to the
detailed description below.
0x18
RIS
R
0x00000000
Raw interrupt status register. Refer to the detailed
description below.
0x1C
MIS
R
0x00000000
Masked Interrupt Status Register. Refer to the
detailed description below.
0x20
ICR
W
0x00000000
Interrupt clear register. Refer to the detailed
description below.
0x24
DMACR
RW
0x00000000
SPI DMA control register. Refer to the detailed
description below.
0x28
RXFRM
RW
0x00000000
SPI Receive Frame register. Indicates the number of
frames to receive from the slave.
0x2C
CHN
RW
0x00000000
Dummy character register
0x30
WDTXF
RW
0x00000000
SPI transmit FIFO receive frame number. Indicates
the number of frames to receive from the transmit
FIFO
0x80
ITCR
RW
0x00000000
Integration test control register. Refer to the detailed
description below.
0x8C
TDR
RW
0x00000000
Test data register
Table 56: SPI - CR0 register description: address offset SPI_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
4:0
DSS
0x0
RW
Data size select. (DSS+1) defines the number of bits:
0x00: Reserved.
0x01: Reserved.
0x02: Reserved.
0x03: 4-bit data.
0x04: 5-bit data.
...
0x1F: 32-bit data.
5
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com