Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 20Page - STMicroelectronics BLUENRG-2 Datasheet HTML 21Page - STMicroelectronics BLUENRG-2 Datasheet HTML 22Page - STMicroelectronics BLUENRG-2 Datasheet HTML 23Page - STMicroelectronics BLUENRG-2 Datasheet HTML 24Page - STMicroelectronics BLUENRG-2 Datasheet HTML 25Page - STMicroelectronics BLUENRG-2 Datasheet HTML 26Page - STMicroelectronics BLUENRG-2 Datasheet HTML 27Page - STMicroelectronics BLUENRG-2 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 190 page
background image
Functional details
BlueNRG-2
24/190
DocID030675 Rev 2
combination of these signals is used to generate the input to the Cortex-M0 which is used
to reset the debug access port (DAP) of the processor. It is also used to generate the
signal which resets the debug logic of the Cortex-M0. The POR signal also resets the TAP
controller of the BlueNRG-2 and a part of the Flash controller (managing the Flash memory
boot, which does not need to be impacted by system resets).
The BOR is disabled by default, see the BlueNRG-1, BlueNRG-2 Programming manual
(PM0257) to enable it.
3.5.1.2
Power-on-sequence
The starting sequence of the BlueNRG-2 supply and reset signal is shown below.
Figure 8: BlueNRG-2 power-up sequence
The VBATx power must only be raised when RESETN pin is driven low.
The different VBATx (x=1..3) power can be raised separately or together.
The internal POR is released once internal LDOs are established and RCO clock is
ready.
The system starts on RCO 16 MHz clock system. The software is responsible for
configuring the XO 16/32 MHz when necessary.
The POR circuit is powered by a 1.2 V regulator, which must also be powered up with the
correct startup sequence. Before VBAT has reached the nominal value, RESETN line must
be kept low. An external RC circuit on RESETN pin will add a delay that can prevent
RESETN signal from going high before VBAT has reached the nominal value.
VBATx
x=1..3
RESETN
182 ms max
Internal POR
System clock
CPU under reset
CPU activity
CPU runing on
RCO 16M
CPU can switch on XO 16/32M
by SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com