Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 68 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 64Page - STMicroelectronics BLUENRG-2 Datasheet HTML 65Page - STMicroelectronics BLUENRG-2 Datasheet HTML 66Page - STMicroelectronics BLUENRG-2 Datasheet HTML 67Page - STMicroelectronics BLUENRG-2 Datasheet HTML 68Page - STMicroelectronics BLUENRG-2 Datasheet HTML 69Page - STMicroelectronics BLUENRG-2 Datasheet HTML 70Page - STMicroelectronics BLUENRG-2 Datasheet HTML 71Page - STMicroelectronics BLUENRG-2 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 190 page
background image
Functional details
BlueNRG-2
68/190
DocID030675 Rev 2
Table 68: SPI
– WDTXF register description: address offset SPI_BASE_ADDR + 0x30
Bit
Field
name
Reset
RW
Description
31:0
RXFRM
0x00000000
RW
SPI transmit FIFO receive frame number. Indicates the
number of frames to receive from the TX FIFO.
Table 69: SPI - ITCR register description: address offset SPI_BASE_ADDR+0x80
Bit
Field name
Reset
RW
Description
0
RESERVED
0x0
R
RESERVED
1
SWAPFIFO
0x0
RW
FIFO control mode:
0: FIFO normal mode. Write in TDR register puts data in TX
FIFO and read from TDR register read data from RX FIFO.
1: FIFO swapped mode. Write in TDR register puts data in RX
FIFO and read from TDR register read data from TX FIFO.
The registers SWAPFIFO and TDR allow to clear the TX FIFO
from unwanted data
31:2
RESERVED
0x0
R
RESERVED
Table 70: SPI
– TDR register description: address offset SPI_BASE_ADDR+0x8C
Bit
Field
name
Reset
RW
Description
31:0
TDR
0x00000000
RW
Allows reading out data from TX FIFO if the SWAPFIFO
bitfield is set.
The registers SWAPFIFO and TDR allow to clear the TX
FIFO from unwanted data
3.9
UART
3.9.1
Introduction
The BlueNRG-2 integrates a universal asynchronous receiver/transmitter that support
much of the functionality of the industry-standard 16C650 UART.
Main features are:
Programmable baud rates up to 2 Mbps.
Programmable data frame of 5, 6, 7 or 8 bits of data.
Even, odd, stick or no-parity bit generation and detection.
Programmable 1 or 2 stop bit.
Support of hardware flow control using CTS and RTS pins.
Support of software flow control using programmable Xon/Xoff characters
False start bit detection.
Line break generation and detection.
Programmable 8-bit wide, 64-deep transmit FIFO and 12-bit wide (8-bit data and 4-bit
status), 64-deep receive FIFO.
Support for Direct Memory Access (DMA).
3.9.2
Functional description
The UART performs serial-to-parallel conversion on data asynchronously received from a
peripheral device on the UART_RX pin, and parallel-to-serial conversion on data written by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com