Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 61 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 57Page - STMicroelectronics BLUENRG-2 Datasheet HTML 58Page - STMicroelectronics BLUENRG-2 Datasheet HTML 59Page - STMicroelectronics BLUENRG-2 Datasheet HTML 60Page - STMicroelectronics BLUENRG-2 Datasheet HTML 61Page - STMicroelectronics BLUENRG-2 Datasheet HTML 62Page - STMicroelectronics BLUENRG-2 Datasheet HTML 63Page - STMicroelectronics BLUENRG-2 Datasheet HTML 64Page - STMicroelectronics BLUENRG-2 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
61/190
Switching between these different modes when SPI is enabled is possible. If the
transmission mode is deselected for another mode during a frame transmission, the new
mode will become active at the start of the next word.
3.8.2.13
SPI Master communication mode for National Semiconductor Microwire
standard
The FRF register field selects the SPI mode interface: the default value 0 indicates the
Motorola standard interface, while FRF = 2 selects the Microwire standard interface for the
3-wire SPI mode.
The hardware connection considers the SPI_IN and SPI_OUT pins connected together as
shown in the figure below. The two pins are handled internally to send and receive data.
Figure 12: MicroWire master and slave communication
The CSS register field specifies the length of the data to send and the DSS register field
specifies the length of the data to receive.
In reception mode, the quantity of data to read is specified in the DSS register field. The set
of the SSE register field, enables SPI for the communication. The user should wait for data
reception to end before attempting any reads. The SSE register field must be reset at the
end of the communication.
In transmission mode, the send data are written inside the TX FIFO and the quantity of
data to send is specified in the CSS register field. The SSE register field setting enables
SPI for the communication. When the busy flag is RESET, SPI communication is
terminated. The SSE register field must be reset at the end of the communication.
3.8.3
SPI registers
SPI peripheral base address (SPI_BASE_ADDR) 0x40400000.
Table 55: SPI registers
Address
offset
Name
RW
Reset
Description
0x00
CR0
RW
0x1C000000
Control Register 0. Refer to the detailed description
below.
0x04
CR1
RW
0x00000000
Control Register 1. Refer to the detailed description
below.
0x08
DR
RW
0x00000000
Data Register. Refer to the detailed description
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com