Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 93 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 89Page - STMicroelectronics BLUENRG-2 Datasheet HTML 90Page - STMicroelectronics BLUENRG-2 Datasheet HTML 91Page - STMicroelectronics BLUENRG-2 Datasheet HTML 92Page - STMicroelectronics BLUENRG-2 Datasheet HTML 93Page - STMicroelectronics BLUENRG-2 Datasheet HTML 94Page - STMicroelectronics BLUENRG-2 Datasheet HTML 95Page - STMicroelectronics BLUENRG-2 Datasheet HTML 96Page - STMicroelectronics BLUENRG-2 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
93/190
Table 99: I2C - CR register description: address offset I2CX_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
0
PE
0x0
RW
I²C enable disable:
0: I²C disable.
1: I²C enable.
This bit when deasserted works as software Reset for I²C
peripheral.
2:1
OM
0x0
RW
Select the operating mode:
00b: Slave mode. The peripheral can only respond
(transmit/receive) when addressed by a master device
01b: Master mode. The peripheral works in a multi-master
system where itself cannot be addressed by another master
device. It can only initiate a new transfer as master device.
10b: Master/slave mode. The peripheral works in a multi-
master system where itself can be addressed by another
master device, besides to initiate a transfer as master
device.
3
SAM
0x0
RW
Slave addressing mode. SAM defines the slave addressing
mode when the peripheral works in slave or master/slave
mode. The received address is compared with the content of
the register SCR.
0: 7-bit addressing mode.
1: 10-bit addressing mode.
5:4
SM
0x0
RW
Speed mode. SM defines the speed mode related to the
serial bit rate:
0: Standard mode (up to 100 K/s).
1: Fast mode (up to 400 K/s).
6
SGCM
0x0
RW
Slave general call mode defines the operating mode of the
slave controller when a general call is received. This setting
does not affect the hardware general call that is always
managed in transparent mode.
0: transparent mode, the slave receiver recognizes the
general call but any action is taken by the hardware after the
decoding of the message included in the Rx FIFO.
1: direct mode, the slave receiver recognizes the general call
and executes directly (without software intervention) the
related actions. Only the status code word is stored in the
I2C_SR register for notification to the application.
7
FTX
0x0
RW
FTX flushes the transmit circuitry (FIFO, fsm). The
configuration of the I²C node (register setting) is not affected
by the flushing operation. The flushing operation is
performed on modules working on different clock domains
(system and I²C clocks) and needs several system clock
cycles before being completed. Upon completion, the I²C
node (internal logic) clears this bit. The application must not
access the Tx FIFO during the flushing operation and should
poll on this bit waiting for completion.
0: Flush operation is completed (I2C controller clears the bit).
1: Flush operation is started and in progress (set by
application).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com