Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 38 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 34Page - STMicroelectronics BLUENRG-2 Datasheet HTML 35Page - STMicroelectronics BLUENRG-2 Datasheet HTML 36Page - STMicroelectronics BLUENRG-2 Datasheet HTML 37Page - STMicroelectronics BLUENRG-2 Datasheet HTML 38Page - STMicroelectronics BLUENRG-2 Datasheet HTML 39Page - STMicroelectronics BLUENRG-2 Datasheet HTML 40Page - STMicroelectronics BLUENRG-2 Datasheet HTML 41Page - STMicroelectronics BLUENRG-2 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 190 page
background image
Functional details
BlueNRG-2
38/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
31:4
RESERVED
0x0
R
RESERVED
Table 35: ADC - IRQMASK register description: address offset ADC_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
0
ENDCAL
0x1
RW
Interrupt mask for the end of calibration event:
0: Interrupt is enabled.
1: Interrupt is disabled.
1
BUSY
0x1
RW
Interrupt mask for the ADC busy event:
0: Interrupt is enabled.
1: Interrupt is disabled.
2
EOC
0x1
RW
Interrupt mask for the end of conversion event:
0: Interrupt is enabled.
1: Interrupt is disabled.
3
WDOG
0x1
RW
Interrupt mask for the within the threshold event:
0: Interrupt is enabled.
1: Interrupt is disabled.
31:4
RESERVED
0x0
R
RESERVED
Table 36: ADC - DATA_CONV register description: address offset ADC_BASE_ADDR+0x14
Bit
Field name
Reset
RW
Description
31:0
DATA_CONV
0x00000000
R
Result of the conversion in two complement format.
Table 37: ADC - OFFSET register description: address offset ADC_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
31:0
OFFSET
0x00000000
RW
Offset for correction of converted data.
Table 38: ADC - SR_REG register description: address offset ADC_BASE_ADDR+0x20
Bit
Field name
Reset
RW
Description
0
ENDCAL
0x0
RW
1: when the calibration is completed. The result of the
calibration is written in the OFFSET register.
1
BUSY
0x0
RW
1: during conversion.
2
EOC
0x0
RW
1: when the conversion is completed.
3
WDOG
0x0
RW
If ENAB_COMP = 1, this bit indicates the result of the
conversion is between high and low threshold:
0: DATAOUT[31:0] is NOT between THRESHOLD_HI and
THRESHOLD_LO values.
1: DATAOUT[31:0] is between THRESHOLD_HI and
THRESHOLD_LO values.
31:4
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com