Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 107 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 103Page - STMicroelectronics BLUENRG-2 Datasheet HTML 104Page - STMicroelectronics BLUENRG-2 Datasheet HTML 105Page - STMicroelectronics BLUENRG-2 Datasheet HTML 106Page - STMicroelectronics BLUENRG-2 Datasheet HTML 107Page - STMicroelectronics BLUENRG-2 Datasheet HTML 108Page - STMicroelectronics BLUENRG-2 Datasheet HTML 109Page - STMicroelectronics BLUENRG-2 Datasheet HTML 110Page - STMicroelectronics BLUENRG-2 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
107/190
3.11
Flash controller
3.11.1
Flash controller introduction
The BlueNRG-2 integrates a Flash controller to interface the embedded Flash memory.
Main features are:
Sector erase and mass erase
256 Kbyte Flash memory: 128 pages of 8 rows with 64 words each
Flash programming
Mass read
Enable readout protection
32-bit read access
32-bit write access in single write and 4x32-bit in burst write (reduce programming
time by 2)
3.11.2
Flash controller functional description
The BlueNRG-2 embeds up to 256 KB (65536 x 32-bit) of internal Flash memory. A Flash
interface implements instruction access and data access based on the AHB protocol. It
implements the logic necessary to carry out the Flash memory operations (Program/Erase)
controlled through the Flash registers.
Writing to Flash only allows clearing bits
from ‘1’ to ‘0’. This means any write from ‘0’ to ‘1’
implies erasing before performing a write.
Flash memory is composed of 128 pages containing 8 rows of 64 words (128 x 8 x 64 =
65536 words). Each word is 32-bit = 4 bytes long which means 256 KB of Flash.
The address inside the ADDRESS register is built as follows:
ADDRESS[13:0] = XADR[9:0] & YADR[5:0] with:
XADR[9:3] = page address
XADR[2:0] = row address
YADR[5:0] = word address (one word = four bytes)
One specific address can be written only twice between two erase actions even if
each writing only clears bits.
The Flash data retention is greater than 10 years at 85 °C. The Flash is rated to
have a Flash cycling of 10.000 write/erase cycles.
3.11.2.1
Reading Flash memory
There are two possible read accesses:
Read one single word: simple read as if RAM memory: read the desired Flash address
and get read data on the bus.
MASSREAD command: read the full Flash memory and compare with expected
content
There are two ways of using MASSREAD:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com