Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 171 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 167Page - STMicroelectronics BLUENRG-2 Datasheet HTML 168Page - STMicroelectronics BLUENRG-2 Datasheet HTML 169Page - STMicroelectronics BLUENRG-2 Datasheet HTML 170Page - STMicroelectronics BLUENRG-2 Datasheet HTML 171Page - STMicroelectronics BLUENRG-2 Datasheet HTML 172Page - STMicroelectronics BLUENRG-2 Datasheet HTML 173Page - STMicroelectronics BLUENRG-2 Datasheet HTML 174Page - STMicroelectronics BLUENRG-2 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 190 page
background image
BlueNRG-2
Electrical specifications
DocID030675 Rev 2
171/190
9.2
RF general characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VBAT =3.0 V. All performance data are
referred to a 50 Ω antenna connector, via reference design, QFN32 package version.
Table 219: RF general characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FREQ
Frequency range
2400
–
2483.5
MHz
FCH
Channel spacing
–
2
–
MHz
RFch
RF channel center frequency
2402
–
2480
MHz
9.3
RF transmitter characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VBAT = 3.0 V. All performance data are
referred to a 50 Ω antenna connector, via reference design, QFN32 package version.
Table 220: RF Transmitter characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
MOD
Modulation scheme
GFSK
BT
Bandwidth-bit period
product
–
0.5
–
Mindex
Modulation index
–
0.5
–
DR
Air data rate
–
1
–
Mbps
PMAX
Maximum Output
Power
At antenna connector
–
+8
+10
dBm
PRFC
Minimum Output Power
–
-15
–
dBm
PBW1M
6 dB Bandwidth for
modulated carrier (1
Mbps)
Using resolution bandwidth
of 100kHz
500
–
–
kHz
PRF1
1st Adjacent channel
transmit power 2 MHz
Using resolution bandwidth
of 100 kHz and average
detector
–
-35
–
dBm
PRF2
2nd Adjacent channel
transmit Power >3 MHz
Using resolution bandwidth
of 100 kHz and average
detector
–
-40
–
dBm
ZLOAD
Optimum differential
load
@ 2440 MHz
–
25.4 +
j20.8(1)
–
Ω
Notes:
(1)Simulated value
9.4
RF receiver characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VBAT =3.0 V. All performance data are
referred to a 50 Ω antenna connector, via reference design, QFN32 package version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com