Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 25 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 25 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 29Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
100base-Tx PHY Registers
Page 17
CONTROL REGISTER
STATUS REGISTER
Table 6: Register 0: Control Register Bit Description
Bit
Name
Description
Mode
Default
15
Reset
1 = PHY reset.
This bit is self-clearing.
RW/SC
0
14
Loop back
1 = Enable loopback mode. This loops back TXD to RXD, and
ignores all activity on the cable media.
0 = Normal operation.
RW
0
13
Speed Select
Set to 1 for normal operation; 0 is prohibited.
RW
1
12
ANEN Enable
1 = Enable auto-negotiation process (overrides 0.13 and 0.8)
0 = Disable auto-negotiation process. Mode selection is controlled
via bit 0.8, 0.13 or through the mode pins.
RW
Set by ANEN
11
Power Down
1 = Power-down all blocks. While in the power-down state, the PHY
responds to management transactions. Setting PDOWN, pin
24, to low has the same result.
0 = Normal operation.
RW
0
10
Isolate
1 = Electrically isolate the PHY from MII. PHY still responds to SMI.
0 = Normal operation.
RW
0
9
Restart ANEN
1 = Restart auto-negotiation process.
0 = Normal operation.
RW/SC
0
8
Duplex Mode
1 = Full duplex.
0 = Half duplex.
RW
Set by a mode pin
7
Collision Test
1 = Enable collision test, which issues the COL signal in response
to the assertion of the TX_EN signal. Collision test is disabled
when the PCSBP pin is high. Collision test is enabled
regardless of the duplex mode.
0 = Disable COL test.
RW
0
6:0
Reserved
RW
0000000
Table 7: Register 1: Status Register Bit Description
Bit
Name
Description
Mode
Default
15
100Base-T4
Permanently tied to 0 indicates no 100BaseT4 capability.
RO
0
14
100Base-TX Full
Duplex
1 = 100BaseTX full-duplex capable.
0 = Not 100BaseTX full-duplex capable.
RO
set by DUPLEX pin
13
100Base-TX Half
Duplex
1 = 100BaseTX half-duplex capable.
0 = Not TX half-duplex capable.
RO
set by DUPLEX pin
12
10Base-T Full
Duplex
1 = 10BaseT full-duplex capable.
0 = Not 10BaseT-full duplex capable.
RO
0
11
10Base-T Half
Duplex
1 = 10BaseT half-duplex capable.
0 = Not 10BaseT half-duplex capable.
RO
0
10:7
Reserved
RO
0000
6
MF Preamble
Suppression
The PHY is able to perform management transactions
without an MDIO preamble. The management interface
needs a minimum of 32 bits of preamble after reset.
RO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com