Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 36 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 36 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 38Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 40Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 28
Common Registers
Document
AL2100-DS01-405-R
COMMON REGISTER 1, 2, AND 3
Common Registers 1, 2, and 3 are reserved.
LED BLINK RATE REGISTER 4
LED0 SETTING1 REGISTER 5
The default operation for LED0 is BLINK on TP RX_ACT. The default operation for LED5 is BLINK when Remote loopback
packet is received.
LED0 SETTING2 REGISTER 6
LED1 SETTING1 REGISTER 7
The default operation for LED1 is ON on TP_LINK.
Table 31: Common Register 4: LED Blink Rate (Map to TP_Phy, Reg. 29, Page 1 a28 [15:12] = 0001) Bit Description
Bit
Name
Description
Mode
Default
A1.29.15:8
Reserved
Reserved
RO
00000000
A1.29.7:0
Blink Rate
Set LED blink rate. The blink rate is this number times 16
ms.
Default is 256 ms.
RW
00010000
Table 32: Common Register 5: LED0 Setting1 (Map to TP_Phy, Reg 30, Page 1 a28[15:12] = 0001) Bit Description
Bit
Name
Description
Mode
Default
A1.30.15:13
Reserved
R
000
A1.30.12
Force LED On
Force LED0 On.
RW
0
A1.30.11:9
Reserved
R
000
A1.30.8
Force LED Off
Force LED0 Off.
RW
0
A1.30.7:0
Msk Blink
Blink mask. When the bits are set to 1, the
corresponding event causes the led to blink.
RW
00000001
Table 33: Common Register 6: LED0 Setting2 (Map to TP_Phy, Reg. 31, Page 1 a28 [15:12] = 0001) Bit Description
Bit
Name
Description
Mode
Default
A1.31.15:8
Msk On
On mask. When the bits are set to one, corresponding events cause the
LED to turn on.
RW
00000000
A1.31.7:0
Msk Off
Off mask. When the bits are set to 1, corresponding events cause the
led to turn off
RW
00000000
Table 34: Common Register 7: LED1 Setting1 (Map to TP_Phy, Reg. 29, Page 2 a28 [15:12] = 0010) Bit Description
Bit
Name
Description
Mode
Default
A2.29.15:13
Reserved
Reserved
R
000
A2.29.12
Force LED On
Force LED1 On.
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com