Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 33 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 33 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 37Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
100base-Tx PHY Registers
Page 25
STATUS REGISTER
PHY IDENTIFIER 1 REGISTER
Table 23: Register 1: Status Register Bit Description
Bit
Name
Description
Mode
Default
15
100Base-T4
Permanently tied to 0 indicates no 100BaseT4 capability.
RO
0
14
100Base-TX Full Duplex
1 = 100BaseTX full-duplex capable.
0 = Not 100BaseTX full-duplex capable.
RO
1
13
100Base-TX Half Duplex
1 = 100BaseTX half-duplex capable.
0 = Not TX half-duplex capable.
RO
1
12
10Base-T Full Duplex
1 = 10BaseT full-duplex capable.
0 = Not 10BaseT full-duplex capable.
RO
0
11
10Base-T Half Duplex
1 = 10BaseT half-duplex capable.
0 = Not 10BaseT half-duplex capable.
RO
0
10:7
Reserved
RO
0000
6
MF Preamble Suppression
The PHY is able to perform management transaction without
MDIO preamble. The management interface needs a
minimum of 32 bits of preamble after reset.
RO
1
5
ANEN Complete
1 = Auto-negotiation process completed. Registers 4, 5, 6 are
valid after this bit is set.
0 = Auto-negotiation process not complete.
RO
0
4
Remote Fault
1 = Remote fault condition detected.
0 = No remote fault.
This bit remains set until it is cleared by reading Register 1.
RO/LH
0
3
ANEN Ability
1 = Able to perform auto-negotiation function; default value
determined by ANEN pin.
0 = Unable to perform auto-negotiation function.
RO
1
2
Link Status
1 = Link is established. If link fails, this bit is cleared, and
remains at 0 until register is read again.
0 = Link has gone down.
RO/LL
0
1
Jabber Detect
1 = Jabber condition detect.
0 = No jabber condition detected.
RO/LH
0
0
Extended Capability
1 = Extended register capable. This bit is tied permanently to
1.
RO
1
Table 24: Register 2: PHY Identifier 1 Register Bit Description
Bit
Name
Description
Mode
Default
15:0
OUI*
Composed of the third through 18th bits of the
Organizationally Unique Identifier (OUI), respectively.
RO
0022(H)
Note
Based on an OUI is 0010A9 (hex).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com