Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 30 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 30 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 34Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 22
100base-Tx PHY Registers
Document
AL2100-DS01-405-R
RECEIVE ERROR COUNTER
POWER MANAGEMENT REGISTER
8
Adaptation
disable
1 = Turn on adaptation disable mode.
0 = Turn off.
To set the value of 20.7:4, turn on 20.8, and turn off 20.14,
or this PHY rejects to receive packets.
RW
0
7:4
Cable
measurement
capability
These bits can be used as a cable length indicator. The
bits are incremented from 0000 to 1111 with an increment
of approximately 10 meters. The equivalent is 0 to 32dB
with an increment of 2dB at 100 MHz. The value is a read
back from the equalizer; the measured value is not
absolute.
RW
X
3:0
Reserved
RO
XXXX
Table 17: Register 21: Receive Error Counter Bit Description
Bit
Name
Description
Mode
Default
15:0
RX_ER Counter
Count receive error events.
RO
0
Table 18: Register 22: Power Management Register Bit Description
Bit
Name
Description
Mode
Default
15:14
Reserved
RO
00
13
PD_PLL
1 = Power down PLL circuit.
RO
X
12
PD_EQUAL
1 = Power down equalizer circuit.
RO
X
11
PD_BT_RCVR
1 = Power down 10 base T receiver.
RO
X
10
PD_LP
1 = Power down link pulse receiver.
RO
X
9
PD_EN_DET
1 = Power down energy detect circuit.
RO
X
8
PD_FX
1 = Power down FX circuit.
RO
X
7:6
Reserved
RW
00
5
MSK_PLL
0 = Force power up PLL circuit.
RW
X
4
MSK_EQUAL
0 = Force power up equalizer circuit.
RW
X
3
MSK_BT_RCVR
0 = Force power up 10 base T receiver.
RW
X
2
MSK_LP
0 = Force power up link pulse receiver.
RW
X
1
MSK_EN_DET
0 = Force power up energy detect circuit.
RW
X
0
MSK_FX
0 = Force power up FX circuit
RW
X
Table 16: Register 20: Cable Measurement Capability Register Bit Description
Bit
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com