Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 4
Document
AL2100-DS01-405-R
MDIO
43
BU
MDIO (input/output): management data I/O. This serial input/output pin is
used to read from and write to the MII register. The data value on the
MDIO pin is valid, and latched on the rising edge of MDC. This pin
requires a 1 K Ohm resistor pull-up.
MDC
44
BD
MDC (Input): management data clock. The MDC clock input must be
provided to allow serial management functions. This pin has a SCHMTT-
trigger input.
PHYAD1/LED_FX_SD
45
BD
PHYAD1 (reset-read input): pull high or low to set PHY address bit 1 for
serial management functions.
LED_FX_SD (output): LED output for fiber signal detects.
The active level is the invert of the reset read value.
PHYAD2/Reserved
46
BD
PHYAD2 (reset-read input): pull high or low to set PHY address bit 2 for
serial management functions.
Output function is reserved.
PHYAD3/LED4_FDX
47
BD
PHYAD3 (reset-read input): pull high or low to set PHY address bit 3 for
serial management functions.
LED4_FDX (output): The default behavior is on when the result of the
auto-negotiation on the twisted pair port is full duplex. This LED pin is fully
programmable. The active level is the invert of the reset read value.
PHYAD4/FX_DIS
48
BD
PHYAD4 (reset-read input): pull high or low to set PHY address bit 4 for
serial management functions.
FX_DIS (output): disable fiber output.
The active level is the invert of the reset read value.
Table 1: Pin Descriptions
Name
Number
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com