Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 19Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Fault Propagation
Page 7
Fiber Transmit Link Failure
In the event of a fiber-transmit-link failure, the far-end transceiver, with remote fault signaling capability, transmits the RF
signal to the AL2100. As a result, the AL2100 performs two tasks: ceases to transmit an idle signal to the TP driver, and puts
the driver into high-impedance mode,de-asserting the DATA_OFF signal.
REDUNDANT FUNCTION
FAULT_OUT = DATA_ENABLE && !FX_LINK;
The logic above uses the TP_RCVR_ACTIVE signal to gate the FX output. When the TP receiver is disconnected, it forces
the FX side to drop the link, and causes the TP at the remote side to drop the link as well. When both sides receive activity
in the TP side, the FX port on each side is enabled, and the link-up occurs. The link status of the FX port enables the TP
output, and causes them to link up. The FX remote fault condition is generated by the standard FEF_DETECT state machine.
Three timers generate the TP_RCVR_ACTIVE signal. The first one is the activity_timer; the second one is the link_up_timer;
the third is the tx_disable_timer. When using the activity_timer to determine whether there is a signal on the wire, start the
link_up_timer, and wait for the AN to complete. If the link_up_timer expires, start the tx_disable_timer, and disable
FX_OUPUT_EN and TX_OUTPUT_EN for a predefined period of time. See Figure 3 for more details.
Figure 3: State Machine for Redundant Function
TP_Quite
Wait_ For_Link
Start
Link_Up_Timer
Link_Disable
Start TX_Disable_Timer
TP_Link_Up
Idle
Activity_Timer
_Reset
Link_Up_Timer_Done &&
!TP_LINK_UP ||
Activity_Timer_Done
TP_LINK_UP
!TP_LINK_UP
!Activity_Timer_Done
TX_Disable_Timer_Done
Reset
Link_Pulse || Sigdet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com