Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 31 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 31 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 35Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
100base-Tx PHY Registers
Page 23
OPERATION MODE REGISTER
CRC FOR RECENT RECEIVED PACKET
Table 19: Register 23: Operation Mode Register Bit Description
Bit
Name
Description
Mode
Default
15:14
Reserved
13
Reserved
12
Reserved
11
Scramble
disable
1 = Disable scrambler data.
0 = Enable scrambler data.
RW
0
10
Reserved
RW
0
9
Pcsbp
1 = Enable PCS bypass mode.
0 = disable PCS bypass mode.
RW
0
23:8
Reserved
RW
0
7:6
Reserved
5
Reserved
RO
0
4:0
Reserved
RO
XXXXX
Table 20: Register 24: CRC for Recent Received Packet Bit Description
Bit
Name
Description
Mode
Default
15:0
CRC16
CRC16 value displayed. For system level test purpose.
RC
0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com