Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 20 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 20 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 24Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 12
100Base-Twisted Pair PHY
Document
AL2100-DS01-405-R
ANALOG ADAPTIVE EQUALIZER
The analog adaptive equalizer removes inter-symbol interference (ISI) created by the transmission channel media. The PHY
is designed to accommodate a maximum of 140 meters UTP CAT-5 cable. An AT&T 1061 CAT-5 cable of this length typically
has an attenuation of 31dB at 100 MHz. A typical attenuation of 100-meter cable is 21dB. The worst case cable attenuation
is around 24-26dB, as defined by TP-PMD specification. The amplitude and phase distortion from the cable cause ISI, which
makes clock and data recovery difficult. The adaptive equalizer is designed to closely match the inverse transfer function of
the twisted-pair cable. The equalizer has the ability to change its equalizer frequency response according to cable length.
The equalizer tunes itself automatically for any cable, compensating for the amplitude and phase distortion introduced by
the cable.
CLOCK RECOVERY
The equalized MLT-3 signal passes through the slicer circuit, and gets converted to NRZI format. The PHY uses a
proprietary mixed-signal phase locked loop (PLL) to extract clock information from the incoming NRZI data. The extracted
clock is used to retime the data stream, and set the data boundaries. The transmit clock is locked to the 25 MHz clock input,
while the receive clock is locked to the incoming data streams. When initial lock is achieved, the PLL switches to the data
stream, extracts the 125 MHz clock, and uses it for bit framing for the recovered data. The recovered 125 MHz clock is also
used to generate the 25 MHz RX_CLK signal. The PLL requires no external components for its operation, and has high noise
immunity and low jitter. It provides fast phase alignment, and locks to data in one transition. Its data/clock acquisition time
after power-on is less than 60 transitions. The PLL can maintain lock on run-lengths of up to 60 data bits in the absence of
signal transitions. When no valid data is present, i.e. when the SD is de-asserted, the PLL switches and locks onto TX_CLK.
This provides a continuously running RX_CLK. At the PCS interface, the 5-bit data RXD[4:0] is synchronized to the 25 MHz
RX_CLK.
Table 4: SPD100 0 Settings
Register and Bit
Name
Description
Register 0, bit 13
Speed Select
1 = 100Mbps
Set to 1 for normal operation. 0 is prohibited.
Register 0, bit 12
ANEN Enable
1 = Enable auto-negotiation
0 = Disable auto-negotiation
Register 0, bit 8
Duplex
The default value is !ANEN && DUPLEX
Register 4, bit 8 /
Register 1, bit 14
100Base-TX Full Duplex
The default value of this bit is DUPLEX
Register 4, bit 7 /
Register 1, bit 13
100Base-TX
The default value of this bit is ANEN ||!DUPLEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com