Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Page 3
VCC
18
P
2.5V supply.
PHYAD0/ LED_TP_SD
19
BU
PHYAD0 (reset read Input): pull high or low to set the PHY address bit 0
for serial management function.
LED_TP_SD (output): indicates energy is detected on the twisted-pair
input. The active level is the invert of the reset read value.
LED0
20
BU
Pull this pin high.
LED0 (output): low active. The default behavior blinks when the twisted-
pair port detects receive activity.
LED1
21
BU
Pull this pin high.
LED1 (output): low active. The default behavior is ON when the twisted-
pair port in link-up condition.
DUPLEX/LED2
22
BU
DUPLEX (reset read Input): sets the duplex capability for twisted-pair port
auto-negotiation function.
LED2 (output): the active value is the invert of the DUPLEX input level.
The default behavior blinks when the fiber port detects receive activity.
ANEN/LED3
23
BU
ANEN (reset read input): auto-negotiation enable for the twisted pair port.
LED3 (output): the active value is the invert of the ANEN input level.
The default behavior is on when the link-up condition is detected on the
fiber port, and blinks when the remote fault condition is detected on the
fiber port.
PDOWN
24
IU
PDOWN (low active input): pull low to put both TP and fiber ports into
power-down mode. This is a regular input, not a reset read signal.
VCC
25
P
2.5V supply.
RXN
26
A
Receive – for TP port in MDI mode.
Transmit – for TP port in MDIX mode.
RXP
27
A
Receive + for TP port in MDI mode.
Transmit + for TP port in MDIX mode.
SD_A/FXEN_A
28
AI
SD_A/FXEN_A: (multithreshold input): pull low to disable the FX function
on the twisted pair (TP) port. PECL input level to enable the FX function
of the TP port. PECL high level to indicate the signal detect from the
connected fiber module.
GND
29
G
Ground.
GND
30
G
Ground.
RBIAD
31
A
Bias resister connection. Connect to a 10K 1% resister to GND
VCCPLL
32
P
VCC for Analog Bias, PLL modules.
GND
33
G
Ground for transmit circuit.
TXN
34
A
Transmit – in MDI mode.
Receive – in MDIX mode.
TXP
35
A
Transmit + in MDI mode.
Receive + in MDIX mode.
VCC
36
P
2.5V supply.
GND
37
G
Ground
GND
38
G
Ground
XO
39
AO
XO (Output): crystal output.
XI
40
AI
XI (Input): crystal input.
XI and XO pins are designed to connect to a 25 MHz, 50-PPM crystal.
When using an oscillator, connect the XI pin to the oscillator, and leave
the XO pin unconnected.
VCC
41
P
2.5V supply.
RST
42
IU
Reset input is active low.
Table 1: Pin Descriptions
Name
Number
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com