Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 43 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 43 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 40Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 41Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 42Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 43Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 44Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 45Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 46Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 47Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Clock Timing
Page 35
Se ction 8: Timing an d AC Char acte r istics
CLOCK TIMING
RESET TIMING
Figure 5: Reset Timing
Table 47: Clock Timing
Parameter
Symbol
Min
Typ
Max
Units
XTAL Input Cycle Time
CK_CYCLE
40
ns
XTAL Input High/Low Time
CK_HI CK_LO
20
ns
XTAL Input Rise/Fall Time
CK_EDGE
4
ns
Table 48: Reset Timing
Parameter
Symbol
Min
Typ
Max
Units
Reset Pulse Length Low Period with Stable XTAL Input
RESET_LEN
1
µs
Activity after end of reset
RESET_WAIT
1
second
CK25
RESET#
Normal PHY
begin he re
RESET_LEN
RESET _WAIT
CK_HI
CK_CYCLE
CK_EDGE
CK_LO
CK_EDGE
activit y may
RESET_EDGE
RESET_EDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com