Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL2100-DS00-R Datasheet(PDF) 38 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 38 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 38Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 40Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 41Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 42Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 30
Common Registers
Document
AL2100-DS01-405-R
LED3 SETTING1 REGISTER 11
The default operation for LED3 is ON on FX_LINK, BLINK on Remote_fault.
LED3 SETTING2 REGISTER 12
LED4 SETTING1 REGISTER 13
The default operation for LED4 is ON when the result of auto negotiation on twisted pair port is full duplex.
LED4 SETTING2 REGISTER 14
Table 38: Common Register 11: LED3 Setting1 (Map to TP_Phy, Reg. 30, Page 3 a28 [15:12] = 0011) Bit Description
Bit
Name
Description
Mode
Default
A3.30.15:13
Reserved
R
000
A3.30.12
Force LED On
Force LED3 On.
RW
0
A3.30.11:9
Reserved
R
000
A3.30.8
Force LED Off
Force LED3 Off.
RW
0
A3.30.7:0
Msk Blink
Blink mask. When the bits are set to 1, corresponding
events cause the LED to blink
RW
00000100
Table 39: Common Register 12: LED3 Setting2 (Map TP_Phy, Reg. 31, Page 3 a28 [15:12] = 0011) Bit Description
Bit
Name
Description
Mode
Default
A3.31.15:8
Msk On
On mask. When the bits are set to 1, corresponding
events cause the LED to turn on
RW
01000000
A3.31.7:0
Msk Off
Off mask. When the bits are set to 1, corresponding
events cause the LED to turn off.
RW
00000000
Table 40: Common Register 13: LED4 Setting1 (Map to TP_Phy, Reg 29, Page 4 a28 [15:12] = 0100) Bit Description
Bit
Name
Description
Mode
Default
A4.29.15:13
Reserved
R
000
A4.30.12
Force LED On
Force LED4 On.
RW
0
A4.29.11:9
Reserved
R
000
A4.29.8
Force LED Off
Force LED4 Off.
RW
0
A4.29.7:0
Msk Blink
Blink mask. When the bits are set to 1, corresponding
events cause the LED to blink
RW
00000000
Table 41: Common Register 14: LED4 Setting2 (Map TP_Phy, Reg 30, Page 4 a28[15:12] = 0100) Bit Description
Bit
Name
Description
Mode
Default
A4.30.15:8
Msk On
On mask. When the bits are set to 1, corresponding events
cause the LED to turn on.
RW
00010000
A4.30.7:0
Msk Off
Off mask. When the bits are set to 1, corresponding events
cause the LED to turn off.
RW
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com