Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 112Page - National Semiconductor (TI) CS5530A Datasheet HTML 113Page - National Semiconductor (TI) CS5530A Datasheet HTML 114Page - National Semiconductor (TI) CS5530A Datasheet HTML 115Page - National Semiconductor (TI) CS5530A Datasheet HTML 116Page - National Semiconductor (TI) CS5530A Datasheet HTML 117Page - National Semiconductor (TI) CS5530A Datasheet HTML 118Page - National Semiconductor (TI) CS5530A Datasheet HTML 119Page - National Semiconductor (TI) CS5530A Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 259 page
background image
www.national.com
116
Revision 1.1
Functional Description (Continued)
3.7
XPRESSAUDIO
Through XpressAUDIO, the CS5530A offers a combined
hardware/software support solution to meet industry stan-
dard audio requirements. XpressAUDIO uses Virtual Sys-
tem
Architecture®
(VSA™)
technology
along
with
additional hardware features to provide the necessary sup-
port for industry standard 16-bit stereo synthesis and OPL3
emulation.
The hardware portion of XpressAUDIO is for transporting
streaming audio data to/from the system memory and an
AC97 codec. This hardware includes:
• Six (three inbound/three outbound) buffered PCI bus
mastering engines that drive specific AC97 interface
slots.
• Interfaces to AC97 codecs (e.g., National’s LM4548) for
audio input/output.
Additional hardware provides the necessary functionality
for VSA technology. This hardware includes the ability to:
• Generate an SMI to alert software to update required
data. An SMI is generated when either audio buffer is
half empty or full. If the buffers become completely
empty or full, the Empty bit is asserted.
• Generate an SMI on I/O traps.
• Trap accesses for sound card compatibility at either I/O
Port 220h-22Fh, 240h-24Fh, 260h-26Fh, or 280h-28Fh.
• Trap accesses for FM compatibility at I/O Port 388h-
38Bh.
• Trap accesses for MIDI UART interface at I/O Port 300h-
301h or 330h-331h.
• Trap accesses for serial input and output at COM2 (I/O
Port 2F8h-2FFh) or COM4 (I/O Port 2E8h-2EFh).
• Support trapping for low (I/O Port 00h-0Fh) and/or high
(I/O Port C0h-DFh) DMA accesses.
• Support hardware status register reads in CS5530A,
minimizing SMI overhead.
• Support is provided for software-generated IRQs on IRQ
2, 3, 5, 7, 10, 11, 12, 13, 14, and 15.
Included in the following subsections are details regarding
the registers used for configuring the audio interface. The
registers are accessed through F3 Index 10h, the Base
Address Register (F3BAR) in Function 3. F3BAR sets the
base address for XpressAUDIO support registers as shown
in Table 3-62.
3.7.1
Subsystem Data Transport Hardware
The data transport hardware can be broadly divided into
two sections: bus mastering and the codec interface.
3.7.1.1
Audio Bus Masters
The CS5530A audio hardware includes six PCI bus mas-
ters (three for input and three for output) for transferring
digitized audio between memory and the external codec.
With these bus master engines, the CS5530A off-loads the
CPU and improves system performance.
The programming interface defines a simple scatter/gather
mechanism allowing large transfer blocks to be scattered to
or gathered from memory. This cuts down on the number of
interrupts to and interactions with the CPU.
Table 3-62. Base Address Register (F3BAR) for XpressAUDIO Registers
Bit
Description
f3 Index 10h-13h
Base Address Register - F3BAR (R/W)
Reset Value = 00000000h
This register sets the base address of the memory mapped audio interface control register block. This is a 128-byte block of registers
used to control the audio FIFO and codec interface, as well as to support SMIs produced by VSA technology. Bits [6:0] are read only
(0000 0000), indicating a 128-byte memory address range. Refer to Table 4-21 for the bit formats and reset values of the XpressAUDIO
registers.
31:7
Audio Interface Base Address
6:0
Address Range (Read Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com