Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 18Page - Infineon Technologies AG TLE5012B Datasheet HTML 19Page - Infineon Technologies AG TLE5012B Datasheet HTML 20Page - Infineon Technologies AG TLE5012B Datasheet HTML 21Page - Infineon Technologies AG TLE5012B Datasheet HTML 22Page - Infineon Technologies AG TLE5012B Datasheet HTML 23Page - Infineon Technologies AG TLE5012B Datasheet HTML 24Page - Infineon Technologies AG TLE5012B Datasheet HTML 25Page - Infineon Technologies AG TLE5012B Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
TLE5012B
Specification
Data Sheet
22
Rev. 2.0, 2014-02
Table 4-5
Electrical parameters for 4.5 V < VDD < 5.5 V
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Input signal low-level
VL5
0.3 VDD V
Input signal high level
VH5
0.7 VDD
V
Output signal low-level
VOL5
1V
DATA; IQ = -25 mA (PAD_DRV=’0x’),
IQ = -5 mA (PAD_DRV=’10’), IQ = -0.4
mA (PAD_DRV=’11’)
1V
IFA,B,C; IQ = -15 mA (PAD_DRV=’0x’),
IQ = -5 mA (PAD_DRV=’1x’)
Pull-up current1)
1) Internal pull-ups on CSQ and DATA pin are always enabled.
IPU
-10
-225
μACSQ
-10
-150
μADATA
Pull-down current2)
2) Internal pull-downs on IFA, IFB and IFC are enabled during startup and in open-drain mode, internal pull-down on SCK is
always enabled.
IPD
10
225
μASCK
10
150
μA
IFA, IFB, IFC
Table 4-6
Electrical parameters for 3.0 V < VDD < 3.6 V
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Input signal low-level
VL3
0.3 VDD V
Input signal high level
VH3
0.7 VDD
V
Output signal low-level
VOL3
0.9 V
DATA; IQ = -15 mA
(PAD_DRV=’0x’), IQ = -3 mA
(PAD_DRV=’10’), IQ = -0.24 mA
(PAD_DRV=’11’)
0.9 V
IFA,IFB; IQ = - 10 mA
(PAD_DRV=’0x’), IQ = -3 mA
(PAD_DRV=’1x’)
Pull-up current1)
1) Internal pull-ups on CSQ and DATA pin are always enabled.
IPU
-3
-225
μACSQ
-3
-150
μADATA
Pull-down current2)
2) Internal pull-downs on IFA, IFB and IFC are enabled during startup and in open-drain mode, internal pull-down on SCK is
always enabled.
IPD
3225
μASCK
3150
μA
IFA, IFB, IFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com