Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 41Page - Infineon Technologies AG TLE5012B Datasheet HTML 42Page - Infineon Technologies AG TLE5012B Datasheet HTML 43Page - Infineon Technologies AG TLE5012B Datasheet HTML 44Page - Infineon Technologies AG TLE5012B Datasheet HTML 45Page - Infineon Technologies AG TLE5012B Datasheet HTML 46Page - Infineon Technologies AG TLE5012B Datasheet HTML 47Page - Infineon Technologies AG TLE5012B Datasheet HTML 48Page - Infineon Technologies AG TLE5012B Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
TLE5012B
Specification
Data Sheet
45
Rev. 2.0, 2014-02
4.6.1
Internal Supply Voltage Comparators
Every voltage regulator has an overvoltage (OV) comparator to detect malfunctions. If the nominal output voltage
of 2.5 V is larger than VOVG, VOVA and VOVD, then this overvoltage comparator is activated.
4.6.2
VDD Overvoltage Detection
The overvoltage detection comparator monitors the external supply voltage at the VDD pin.
Figure 4-22 Overvoltage comparator
4.6.3
GND - Off Comparator
The GND - Off comparator is used to detect a voltage difference between the GND pin and SCK. This circuit can
detect a disconnection of the supply GND Pin.
Figure 4-23 GND - off comparator
4.6.4
VDD - Off Comparator
The VDD - Off comparator detects a disconnection of the VDD pin supply voltage. In this case, the TLE5012B is
supplied by the SCK and CSQ input pins via the ESD structures.
Figure 4-24 VDD - off comparator
REF
-
+
10µs
Spike
Filter
xxx_OV
VDDA
GND
GND
VDD
VRG
VRA
VRD
-
+
10µs
Spike
Filter
GND_OFF
VDDA
GND
SCK
GND
VDD
+dV
Diode-
reference
1µs
Mono
Flop
10µs
Spike
Filter
VDD_OFF
VDDA
GND
VDD
CSQ
SCK
-dV
GND
1µs
Mono
Flop
-
+
VVDDoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com