Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 39Page - Infineon Technologies AG TLE5012B Datasheet HTML 40Page - Infineon Technologies AG TLE5012B Datasheet HTML 41Page - Infineon Technologies AG TLE5012B Datasheet HTML 42Page - Infineon Technologies AG TLE5012B Datasheet HTML 43Page - Infineon Technologies AG TLE5012B Datasheet HTML 44Page - Infineon Technologies AG TLE5012B Datasheet HTML 45Page - Infineon Technologies AG TLE5012B Datasheet HTML 46Page - Infineon Technologies AG TLE5012B Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
TLE5012B
Specification
Data Sheet
43
Rev. 2.0, 2014-02
Step/Direction Mode
Phase A pulses out the increments and phase B indicates the direction.
Figure 4-20 Incremental interface with Step/Direction mode
4.5
Test Mechanisms
4.5.1
ADC Test Vectors
In order to test the correct functionality of the ADCs, the ADC inputs can be switched from the GMR bridge outputs
to a chain of fixed resitors which act as a voltage divider. The ADCs are then fed with test vectors of fixed voltages
to simulate a set of magnet positions. The functionality of the ADCs is verified by checking the angle value (AVAL
register) for each test vector. This test is activated via SSC command within the SIL register (ADCTV_EN).
Registers ADCTV_Y and ADCTV_X are used to select the test vector, as shown in Figure 4-21.
The following X/Y ADC values can be programmed:
•
4 points, circle amplitude = 70% (0°,90°, 180°, 270°)
•
8 points, circle amplitude = 100% (0°, 45°, 90°, 135°, 180°, 225°, 270°, 315°)
•
8 points, circle amplitude = 122.1% (35.3°, 54.7°, 125.3°, 144.7°, 215.3°, 234.7°, 305.3°, 324.7°)
•
4 points, circle amplitude = 141.4% (45°, 135°, 225°, 315°)
Note: The 100% values typically correspond to 21700 digits and the 70% values to 15500 digits.
Table 4-24 Incremental Interface
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Incremental output frequency
fInc
1.0 MHz
Frequency of phase A and
phase B1)
1) Not subject to production test - verified by design/characterization
Index pulse width
t0°
5
μs0°1)
Table 4-25 ADC test vectors
Register bits
X/Y values (decimal)
Min.
Typ.
Max.
000
0
001
15500
010
21700
011
32767
1001)
0
101
-15500
Step
Counter
Direction
Incremental Interface
(Step /Direction Mode)
VH
VL
VH
VL
0
1
2
3
4
5
6
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com