Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 34Page - Infineon Technologies AG TLE5012B Datasheet HTML 35Page - Infineon Technologies AG TLE5012B Datasheet HTML 36Page - Infineon Technologies AG TLE5012B Datasheet HTML 37Page - Infineon Technologies AG TLE5012B Datasheet HTML 38Page - Infineon Technologies AG TLE5012B Datasheet HTML 39Page - Infineon Technologies AG TLE5012B Datasheet HTML 40Page - Infineon Technologies AG TLE5012B Datasheet HTML 41Page - Infineon Technologies AG TLE5012B Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
TLE5012B
Specification
Data Sheet
38
Rev. 2.0, 2014-02
4.4.3.2
Master Trigger Pulse Requirements
An SPC transmission is initiated by a master trigger pulse on the IFA pin. To detect a low-level on the IFA pin, the
voltage must be below a threshold Vth. The sensor detects that the IFA line has been released as soon as Vth is
crossed. Figure 4-16 shows the timing definitions for the master pulse. The master low time tmlow as well as the
total trigger time tmtr are given in Table 4-22.
If the master low time exceeds the maximum low time, the sensor does not respond and is available for a next
triggering 30
μs after the master pulse crosses V
thr. tmd,tot is the delay between internal triggering of the falling edge
in the sensor and the triggering of the ECU.
Figure 4-16 SPC Master pulse timing
4.4.3.3
Checksum Nibble Details
The checksum nibble is a 4-bit CRC of the data nibbles including the status nibble. The CRC is calculated using
a polynomial x4+x3+x2+1 with a seed value of 0101B. The remainder after the last data nibble is transmitted as
CRC.
Table 4-22 Master pulse parameters
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Threshold
V
th
50
% of
VDD
1)
1) Not subject to production test - verified by design/characterization
Threshold hysteresis
V
thhyst
8% of
VDD = 5 V
1)
3VDD
VDD = 3 V
1)
Total trigger time
t
mtr
90
UT
SPC_Trigger = 0;1)2)
2) Trigger time in the sensor is fixed to the number of units specified in the “typ.” column, but the effective trigger time varies
due to the sensor’s clock variation
tmlow
+12
UT
SP_Trigger = 11)
Master low time
t
mlow
8
12
14 UT
S_NR =001)
16
22
27
S_NR =011)
29
39
48
S_NR =101)
50
66
81
S_NR =111)
Master delay time
t
md,tot
5.8
μs
1)
SPC
ECU trigger
level
Vth
tmlow
tmd,tot
tmtr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com