Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 38Page - Infineon Technologies AG TLE5012B Datasheet HTML 39Page - Infineon Technologies AG TLE5012B Datasheet HTML 40Page - Infineon Technologies AG TLE5012B Datasheet HTML 41Page - Infineon Technologies AG TLE5012B Datasheet HTML 42Page - Infineon Technologies AG TLE5012B Datasheet HTML 43Page - Infineon Technologies AG TLE5012B Datasheet HTML 44Page - Infineon Technologies AG TLE5012B Datasheet HTML 45Page - Infineon Technologies AG TLE5012B Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
TLE5012B
Specification
Data Sheet
42
Rev. 2.0, 2014-02
Figure 4-18 HS hysteresis
4.4.5
Incremental Interface (IIF)
The Incremental Interface (IIF) emulates the operation of an optical quadrature encoder with a 50% duty cycle. It
transmits a square pulse per angle step, where the width of the steps can be configured from 9bit (512 steps per
full rotation) to 12bit (4096 steps per full rotation) within the register MOD_4 (IFAB_RES). The rotation direction is
given either by the phase shift between the two channels IFA and IFB (A/B mode) or by the level of the IFB channel
(Step/Direction mode), as shown in Figure 4-19 and Figure 4-20. The incremental interface can be configured for
A/B mode or Step/Direction mode in register MOD_1 (IIF_MOD).
Using the Incremental Interface requires an up/down counter on the microcontroller, which counts the pulses and
thus keeps track of the absolute position. The counter can be synchronized periodically by using the SSC interface
in parallel. The angle value (AVAL register) read out by the SSC interface can be compared to the stored counter
value. In case of a non-synchronization, the microcontroller adds the difference to the actual counter value to
synchronize the TLE5012B with the microcontroller.
After startup, the IIF transmits a number of pulses which correspond to the actual absolute angle value. Thus, the
microcontroller gets the information about the absolute position. The Index Signal that indicates the zero crossing
is available on the IFC pin.
Sensors with preset IIF are available as TLE5012B E1000.
A/B Mode
The phase shift between phases A and B indicates either a clockwise (A follows B) or a counterclockwise (B
follows A) rotation of the magnet.
Figure 4-19 Incremental interface with A/B mode
Ideal Switching Point
αelect
αHShystel
αHShystel
αelect
0°
90° el . Phase shift
0
1
2
3
4
5
6
7
6
5
4
3
2
1
Phase A
Counter
Phase B
Incremental Interface
(A/B Mode)
VH
VL
VH
VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com