Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 37Page - Infineon Technologies AG TLE5012B Datasheet HTML 38Page - Infineon Technologies AG TLE5012B Datasheet HTML 39Page - Infineon Technologies AG TLE5012B Datasheet HTML 40Page - Infineon Technologies AG TLE5012B Datasheet HTML 41Page - Infineon Technologies AG TLE5012B Datasheet HTML 42Page - Infineon Technologies AG TLE5012B Datasheet HTML 43Page - Infineon Technologies AG TLE5012B Datasheet HTML 44Page - Infineon Technologies AG TLE5012B Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
TLE5012B
Specification
Data Sheet
41
Rev. 2.0, 2014-02
To avoid switching due to mechanical vibrations of the rotor, an artificial hysteresis is recommended (Figure 4-18).
Electrical angle switching
hysteresis5)
αHShystel
0.70
°
1 pole pair;
IFAB_HYST=111)2)
1.41
°
2 pole pairs;
IFAB_HYST=111)2)
2.11
°
3 pole pairs;
IFAB_HYST=111)2)
2.81
°
4 pole pairs;
IFAB_HYST=111)2)
3.52
°
5 pole pairs;
IFAB_HYST=111)2)
4.22
°
6 pole pairs;
IFAB_HYST=111)2)
4.92
°
7 pole pairs;
IFAB_HYST=111)2)
5.62
°
8 pole pairs;
IFAB_HYST=111)2)
6.33
°
9 pole pairs;
IFAB_HYST=111)2)
7.03
°
10 pole pairs;
IFAB_HYST=111)2)
7.73
°
11 pole pairs;
IFAB_HYST=111)2)
8.44
°
12 pole pairs;
IFAB_HYST=111)2)
9.14
°
13 pole pairs;
IFAB_HYST=111)2)
9.84
°
14 pole pairs;
IFAB_HYST=111)2)
10.55
°
15 pole pairs;
IFAB_HYST=111)2)
11.25
°
16 pole pairs;
IFAB_HYST=111)2)
Fall time
tHSfall
0.02
1
μsR
L = 2.2kΩ; CL < 50pF
2)
Rise time
tHSrise
0.4
1
μsR
L = 2.2kΩ; CL < 50pF
2)
1) Depends on internal oscillator frequency variation (Section 4.3.7)
2) Not subject to production test - verified by design/characterization
3) GMR hysteresis not considered
4) Minimum hysteresis without switching
5) The hysteresis has to be considered only at change of rotation direction
Table 4-23 Hall Switch Mode (cont’d)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com